Electronic Components Datasheet Search
  English  ▼

X  

IRF520 Datasheet(PDF) 5 Page - Intersil Corporation

Part # IRF520
Description  9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF520 Datasheet(HTML) 5 Page - Intersil Corporation

  IRF520 Datasheet HTML 1Page - Intersil Corporation IRF520 Datasheet HTML 2Page - Intersil Corporation IRF520 Datasheet HTML 3Page - Intersil Corporation IRF520 Datasheet HTML 4Page - Intersil Corporation IRF520 Datasheet HTML 5Page - Intersil Corporation IRF520 Datasheet HTML 6Page - Intersil Corporation IRF520 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-176
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves Unless Otherwise Specified (Continued)
1.25
1.05
0.85
0
180
TJ, JUNCTION TEMPERATURE (
oC)
1.15
0.95
0.75
-60
60
120
ID = 250µA
VDS, DRAIN TO SOURCE VOLTAGE (V)
1000
800
600
400
200
0
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
1
10
102
CISS
COSS
CRSS
ID, DRAIN CURRENT (A)
369
12
015
5
4
3
0
2
1
TJ = 175
oC
TJ = 25
oC
PULSE DURATION = 80
µs
VDS ≥ 50
DUTY CYCLE = 0.5% MAX
TJ = 175
oC
VSD, SOURCE TO DRAIN VOLTAGE (V)
100
10
0.1
0
0.4
1.2
1.6
2.0
0.8
TJ = 25
oC
1
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
Qg, GATE CHARGE (nC)
36
9
12
015
20
8
0
4
ID = 9.2A
16
12
VDS = 20V
VDS = 50V
VDS = 80V
IRF520



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com