Electronic Components Datasheet Search
  English  ▼

X  

IRF520 Datasheet(PDF) 2 Page - Intersil Corporation

Part # IRF520
Description  9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF520 Datasheet(HTML) 2 Page - Intersil Corporation

  IRF520 Datasheet HTML 1Page - Intersil Corporation IRF520 Datasheet HTML 2Page - Intersil Corporation IRF520 Datasheet HTML 3Page - Intersil Corporation IRF520 Datasheet HTML 4Page - Intersil Corporation IRF520 Datasheet HTML 5Page - Intersil Corporation IRF520 Datasheet HTML 6Page - Intersil Corporation IRF520 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-173
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
IRF520
UNITS
Drain to Source Breakdown Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDS
100
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
100
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
TC = 100
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .I
D
9.2
6.5
A
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
37
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD
60
W
Dissipation Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.4
W/oC
Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
36
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 10)
100
-
-
V
Gate to Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA
2.0
-
4.0
V
Zero Gate Voltage Drain Current
IDSS
VDS = 95V, VGS = 0V
-
-
250
µA
VDS = 0.8 x Rated BVDSS, VGS = 0V, TJ = 150
oC
-
-
1000
µA
On-State Drain Current (Note 2)
ID(ON)
VDS > ID(ON) x rDS(ON)MAX, VGS = 10V (Figure 7)
9.2
-
-
A
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 5.6A, VGS = 10V (Figure 8, 9)
-
0.25
0.27
Ω
Forward Transconductance (Note 2)
gfs
VDS ≥ 50V, ID = 5.6A (Figure 12)
2.7
4.1
-
S
Turn-On Delay Time
td(ON)
VDD = 50V, ID ≈ 9.2A, RG = 18Ω, RL = 5.5Ω
MOSFET Switching Times are Essentially
Independent of Operating
Temperature
-
9
13
ns
Rise Time
tr
-30
63ns
Turn-Off Delay Time
td(OFF)
-18
70ns
Fall Time
tf
-20
59ns
Total Gate Charge
(Gate to Source + Gate to Drain)
Qg(TOT)
VGS = 10V, ID = 9.2A, VDS = 0.8 x Rated BVDSS,
Ig(REF) = 1.5mA (Figure 14) Gate Charge is
Essentially Independent of Operating
Temperature
-10
30
nC
Gate to Source Charge
Qgs
-
2.5
-
nC
Gate to Drain “Miller” Charge
Qgd
-
2.5
-
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz
(Figure 11)
-
350
-
pF
Output Capacitance
COSS
-
130
-
pF
Reverse Transfer Capacitance
CRSS
-25
-
pF
Internal Drain Inductance
LD
Measured From the Contact
Screw On Tab To Center of
Die
Modified MOSFET
Symbol Showing the
Internal Devices
Inductances
-
3.5
-
nH
Measured From the Drain
Lead, 6mm (0.25in) From
Package to Center of Die
-
4.5
-
nH
Internal Source Inductance
LS
Measured From the Source
Lead, 6mm (0.25in) From
Header to Source Bonding
Pad
-
7.5
-
nH
Thermal Resistance Junction to Case
RθJC
-
-
2.5
oC/W
Thermal Resistance Junction to Ambient
RθJA
Free Air Operation
-
-
80
oC/W
LD
LS
D
S
G
IRF520



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com