Electronic Components Datasheet Search
  English  ▼

X  

ADN2849 Datasheet(PDF) 13 Page - Analog Devices

Part # ADN2849
Description  10.7 Gbps Electro-Absorption Modulator Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2849 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADN2849 Datasheet HTML 9Page - Analog Devices ADN2849 Datasheet HTML 10Page - Analog Devices ADN2849 Datasheet HTML 11Page - Analog Devices ADN2849 Datasheet HTML 12Page - Analog Devices ADN2849 Datasheet HTML 13Page - Analog Devices ADN2849 Datasheet HTML 14Page - Analog Devices ADN2849 Datasheet HTML 15Page - Analog Devices ADN2849 Datasheet HTML 16Page - Analog Devices ADN2849 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Preliminary Technical Data
ADN2849
Rev. Pr. G | Page 13 of 17
POWER DISSIPATION
For improved heat dissipation the module’s case can be used as
heat sink as shown in figure 29. A compact optical module is a
complex thermal environment, and calculations of device
junction temperature using the package θJ-A (Junction-to-
Ambient thermal resistance) do not yield accurate results.
The power dissipated by the ADN2849 is a function of the
supply voltage and the level of bias offset and modulation
voltages required. Figure 28 shows the power dissipation of the
ADN2849 vs. modulation voltage for different bias offset
voltages. To ensure long-term reliable operation, the junction
temperature of the ADN2849 must not exceed 1250C.
ALL CAPS (Initial cap)
000
000
000
000
000
000
000
000
000
000
000
000
TBD
Figure 28. Power dissipation of the ADN2849 vs. bias offset and modulation voltage
T
TOP
T
J
T
PAD
Die
Package
Thermal Compound
Module Case
PCB
Filled Vias
Copper Plane
Thermo-couple
Figure 29. Typical optical module structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com