Electronic Components Datasheet Search
  English  ▼

X  

ADN2849 Datasheet(PDF) 16 Page - Analog Devices

Part # ADN2849
Description  10.7 Gbps Electro-Absorption Modulator Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2849 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADN2849 Datasheet HTML 9Page - Analog Devices ADN2849 Datasheet HTML 10Page - Analog Devices ADN2849 Datasheet HTML 11Page - Analog Devices ADN2849 Datasheet HTML 12Page - Analog Devices ADN2849 Datasheet HTML 13Page - Analog Devices ADN2849 Datasheet HTML 14Page - Analog Devices ADN2849 Datasheet HTML 15Page - Analog Devices ADN2849 Datasheet HTML 16Page - Analog Devices ADN2849 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ADN2849
Rev. Pr. G | Page 16 of 17
DESIGN EXAMPLE
This section describes a design example that covers the
followings:
•
Headroom calculation for the required bias offset and
modulation voltages
•
Required voltage range at the BIAS_SET and
MOD_SET pins to generate the required bias offset
and modulation voltages
This design example assumes a -5.2V supply voltage, 0.5V bias
offset voltage and 2V modulation voltage.
Headroom calculations
In order to operate properly, the bias offset and modulation
voltages must satisfy the following condition:
min
MODP
ffset
O
Bias
Modulation
V
VEE
V
V
−
≤
+
Assuming that VMODPmin=1.7V (see table1), the above condition
became:
V
5
.
3
7
.
1
2
.
5
V
5
.
2
=
−
≤
BIAS_SET voltage range
The voltage range at the BIAS_SET pin to generate 0.5V bias
offset voltage at the MODP pin can be calculated using the
BIAS_SET voltage to bias offset voltage gain specification from
table1 using the formulae:
min
OFFSET
BIAS
max
SET
_
BIAS
max
OFFSET
BIAS
min
SET
_
BIAS
K
V
V
K
V
V
=
=
Where Kmin and Kmax are the minimum and maximum values of
the BIAS_SET voltage to offset bias voltage gain from table1.
Substituting the values the BIAS_SET voltage range is 0.45V to
0.55V.
MOD_SET voltage range
The voltage range at the MOD_SET pin to generate 2V bias
offset voltage at the MODP pin can be calculated using the
MOD_SET voltage to bias offset voltage gain specification from
table1 using the formulae:
min
MODULATION
max
SET
_
MOD
max
MODULATION
min
SET
_
MOD
K
V
V
K
V
V
=
=
Where Kmin and Kmax are the minimum and maximum values of
the MOD_SET voltage to offset bias voltage gain from table1.
Substituting the values the MOD_SET voltage range is 1.05V to
1.33V.
Preliminary Technical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com