Electronic Components Datasheet Search
  English  ▼

X  

ADP162 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP162
Description  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP162 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP162 Datasheet HTML 14Page - Analog Devices ADP162 Datasheet HTML 15Page - Analog Devices ADP162 Datasheet HTML 16Page - Analog Devices ADP162 Datasheet HTML 17Page - Analog Devices ADP162 Datasheet HTML 18Page - Analog Devices ADP162 Datasheet HTML 19Page - Analog Devices ADP162 Datasheet HTML 20Page - Analog Devices ADP162 Datasheet HTML 21Page - Analog Devices ADP162 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADP1621
Data Sheet
Rev. B | Page 18 of 32
RDSON, of the external power MOSFET. Otherwise, RCS
represents the external current-sense resistor.
Solving for RS gives the slope-compensation criterion:
(
)
(
)
L
f
I
f
t
V
V
V
R
R
SW
PK
SC
SW
MIN
OFF
IN
D
OUT
CS
S
×
×
×
×
−
×
−
+
×
>
,
,
2
1
(34)
Keep in mind that the above inequality is a function of both
ADP1621 parameters and off-chip components, the values of
which vary from part to part and with temperature. Select RS to
ensure current-loop stability for all possible variations.
After accounting for parameter variations, use values of RS that
are as close to the calculated limit as possible because excessive
slope compensation reduces the benefits of current-mode control
and increases the “softness” of the current limit, as discussed in the
Current Limit section. Given a typical peak slope-compensation
current of 70 µA, RS should not exceed 1.6 kΩ because the voltage
at the CS pin is typically clamped at 116 mV. It is also recom-
mended that RS be greater than 20 Ω. If the calculated RS is greater
than 1.6 kΩ, the parameters in Equation 34, such as RCS, fSW, and L,
can be adjusted such that RS is less than 1.6 kΩ.
In conclusion, the value of RS should be 20 Ω ≤ RS ≤ 1.6 kΩ.
CURRENT LIMIT
The current limit in the ADP1621 limits the peak inductor
current and is achieved by the COMP voltage clamp. The peak
inductor current, IL,PK, is given by
CS
SW
MIN
OFF
S
PK
SC
ZCT
COMP
CLAMP
COMP
PK
L
R
f
t
D
R
I
n
V
V
I
×
−
×
×
−
−
=
,
,
,
,
,
1
(35)
where VCOMP,CLAMP is the COMP clamp voltage (typically 2.0 V),
VCOMP,ZCT is the COMP zero-current threshold (typically 1.0 V),
n is the current-sense amplifier gain (typically 9.5), ISC,PK is the
peak slope-compensation current (typically 70 µA), RS is the
slope-compensation resistor, D is the duty cycle, fSW is the
switching frequency, tOFF,MIN is the minimum off time (typically
190 ns), and RCS is the current-sense resistor. In the case of
lossless current sensing, RCS is equal to the on resistance, RDSON,
of the external power MOSFET. Otherwise, RCS represents the
external current-sense resistor.
The current limit in the ADP1621 is a “soft” current limit.
When the inductor current reaches the IL,PK limit given in
Equation 35, the duty cycle decreases, and the output voltage
drops below the desired voltage. The IL,PK limit in Equation 35
then increases in response to the smaller duty cycle, D. The
larger the slope-compensation resistor, RS, the larger the effect
on IL,PK for an incremental decrease in D. This behavior results
in a “soft” current limit for the ADP1621. Use values of RS that are
as close as possible to the calculated limit derived from
Equation 34. If high-precision current limiting is required,
consider inserting a fuse in series with the inductor.
Also, keep in mind that the current limit is a function of both
ADP1621 parameters and off-chip components, the values of
which vary from part to part and with temperature. If lossless
current sensing is used, consider that the on resistance of a
MOSFET typically increases with increasing junction temperature.
The peak inductor current limit also limits the maximum load
current at a given output voltage. The maximum load current,
assuming CCM operation, is given by
(
)×
−
=
D
I
MAX
LOAD
1
,


×
×
×
−
×
−
×
×
−
−
L
f
D
V
R
f
t
D
R
I
n
V
V
SW
IN
CS
SW
MIN
OFF
S
PK
SC
ZCT
COMP
CLAMP
COMP
2
1
,
,
,
,
(36)
If the load current exceeds ILOAD,MAX, the output voltage drops
below the desired voltage.
LIGHT LOAD OPERATION
Discontinuous Conduction Mode
With light loads, the average inductor current is small, and,
depending on the converter design, the instantaneous inductor
current may reach 0 during the time when the MOSFET is off.
This mode of operation is termed discontinuous conduction
mode. The condition for entering discontinuous conduction
mode in a boost converter is
(
)
SW
IN
LOAD
f
L
D
D
V
I
×
×
−
×
×
<
2
1
(37)
When the instantaneous inductor current reaches 0 during the
cycle, the inductor ceases to be a current source, and ringing
can be observed in the waveforms of the MOSFET drain voltage
and the inductor current. The frequency of the ringing is the
resonant frequency of the inductor and the total capacitance
from the SW node to GND, which includes the capacitances of
the MOSFET and diode, and any parasitic capacitances from
the PCB. While adding a resistive element, such as a snubber, to
the system further dampens the resonance, it also decreases the
efficiency of the regulator.
Pulse-Skipping Modulation
The ADP1621 features circuitry that improves the converter
efficiency and minimizes power consumption with no load or
very light loads. When the COMP voltage drops below VCOMP,ZCT
(typically 1.0 V), which can occur at sufficiently light loads, the
MOSFET is powered off until the FB voltage drops below 1.215 V.
Then, the error amplifier drives the COMP voltage higher, and
the converter resumes switching when the COMP voltage rises
above the VCOMP,ZCT voltage. While the MOSFET is powered off,
the output capacitor supplies current to the load.
With light loads, the COMP voltage hovers around 1.0 V, and
short periods of switching are followed by long periods of the
MOSFET being powered off. This pulse-skipping modulation
operation improves converter efficiency by reducing the number of
switching cycles and therefore reducing the gate drive current and
the switching transition power loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com