Electronic Components Datasheet Search
  English  ▼

X  

ADP162 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP162
Description  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP162 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP162 Datasheet HTML 16Page - Analog Devices ADP162 Datasheet HTML 17Page - Analog Devices ADP162 Datasheet HTML 18Page - Analog Devices ADP162 Datasheet HTML 19Page - Analog Devices ADP162 Datasheet HTML 20Page - Analog Devices ADP162 Datasheet HTML 21Page - Analog Devices ADP162 Datasheet HTML 22Page - Analog Devices ADP162 Datasheet HTML 23Page - Analog Devices ADP162 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADP1621
Data Sheet
Rev. B | Page 20 of 32
LAYOUT CONSIDERATIONS
Layout is important for all switching regulators, but is par-
ticularly important for regulators with high switching frequencies.
To achieve high efficiency, good regulation, and stability, a well-
designed printed circuit board layout is required. A sample PCB
layout for the standard boost converter circuit shown in Figure 33
is given in Figure 32.
Follow these guidelines when designing printed circuit boards:
•
Keep the low ESR bypass input capacitor of 0.1 µF or higher
close to IN/PIN and GND.
•
Keep the high current path from Bulk Input Capacitor C1
through Inductor L1 and MOSFET M1 to PGND as short
as possible.
•
Keep the high current path from Bulk Input Capacitor C1
through Inductor L1, Diode D1, and Output Capacitor COUT
to PGND as short as possible. Place COUT as close to PGND
as possible to reduce ground bouncing.
•
Keep high current traces as short and wide as possible to
minimize parasitic series inductance, which causes spiking
and electromagnetic interference (EMI).
•
To minimize switching noise, the drain of the power MOSFET
should be placed very close to the inductor, and the source
of the MOSFET (or the bottom side of the sense resistor)
should be connected directly to the power GND plane. Use
wide copper traces on the drain and on the source of the
MOSFET to minimize parasitic inductance and resistance.
Parasitic inductance can lead to excessive ringing during
switching transitions, and parasitic resistance reduces the
converter efficiency. Make sure that the MOSFET selected
is capable of handling the total power loss (conduction plus
transition losses) in the application circuit.
•
Avoid routing high impedance traces near any node con-
nected to the switch node (the MOSFET drain) or near
Inductor L1 to prevent radiated switching-noise injection.
•
Add an extra copper plane at the connection of the MOSFET
drain and the anode of the diode to help dissipate the heat
generated by losses in those components.
•
Avoid ground loops by having one central ground node on the
PCB. If this is impractical, place the power ground with high
current levels physically closer to the PCB ground terminal.
The analog, low current-level ground should be placed farther
from the PCB ground terminal.
•
Minimize the length of the PCB trace between the GATE
pin and the MOSFET gate. The parasitic inductance in this
PCB trace can give rise to excessive voltage ringing at the
MOSFET gate and drain, as well as the regulator output. It
is recommended to add 5 Ω of resistance for every inch of
PCB trace. This helps to reduce the overshoot and ringing at
the drain and the output. However, this added resistance
increases the rise and fall times of the MOSFET; thus, the
switching loss in the MOSFET is increased.
•
Place the feedback resistors as close to FB as possible to
prevent high frequency switching-noise injection.
•
Place the top of the upper feedback resistor, R1, as close
as possible to the top of COUT for optimum output voltage
sensing.
•
If a current-sense resistor is connected between the source
of the MOSFET and PGND, ensure that the capacitance from
CS to PGND is minimized.
•
Place the compensation components as close as possible
to COMP.
VIN
VOUT
COUT1
COUT2
VIAS TO GND PLANE
VIAS TO 2ND LAYER
REMOTE OUTPUT
SENSING
COUT3
L1
GND
C1
GND
SDSN
ADP1621
RFREQ
GATE
D1
M1
Figure 32. PCB Layout of the Circuit Shown in Figure 33 (2-layer PCB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com