Electronic Components Datasheet Search
  English  ▼

X  

ADP162 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP162
Description  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP162 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP162 Datasheet HTML 24Page - Analog Devices ADP162 Datasheet HTML 25Page - Analog Devices ADP162 Datasheet HTML 26Page - Analog Devices ADP162 Datasheet HTML 27Page - Analog Devices ADP162 Datasheet HTML 28Page - Analog Devices ADP162 Datasheet HTML 29Page - Analog Devices ADP162 Datasheet HTML 30Page - Analog Devices ADP162 Datasheet HTML 31Page - Analog Devices ADP162 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADP1621
Data Sheet
Rev. B | Page 30 of 32
RELATED PARTS
Table 6.
Part Number
Description
Comments
ADP1612
Current-mode PWM step-up controller
1.4 A, internal FET RDSON is 130 m Ω nominal, VIN = 1.8 V to 5.5 V, VOUTMAX is 20 V
ADP1613
Current-mode PWM step-up controller
2.0 A, internal FET RDSON is 130 m Ω nominal, VIN = 2.5 V to 5.5 V, VOUTMAX is 20 V
ADP1614
Current-mode PWM step-up controller
4.0 A, internal FET RDSON is 50 m Ω nominal, VIN = 2.5 V to 5.5 V, VOUTMAX is 20 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com