Electronic Components Datasheet Search
  English  ▼

X  

AWB589 Datasheet(PDF) 21 Page - Advanced Semiconductor Business Inc.

Part # AWB589
Description  30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB589 Datasheet(HTML) 21 Page - Advanced Semiconductor Business Inc.

Back Button AWB589 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 20Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 21Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 22Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 23Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 24Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 25Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AWB589
10.2 Performance Table
Supply voltage = +8 V, TA = +25 °C, ZO = 50 Ω.
Parameter
Typical
Unit
Frequency
1200
MHz
Gain
18.5
dB
S11
-11.0
dB
S22
-16.0
dB
Noise Figure
3.0
dB
Output IP31)
40.0
dBm
Output P1dB
26.5
dBm
Current
170
mA
Device Voltage
+8.0
V
1) OIP3 is measured with two tones at an output power of +12 dBm/tone separated by 1MHz.
10.3 Plot of S-parameter & Stability Factor
0
400
800
1200
1600
2000
2400
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
0
1
2
3
4
5
6
7
8
9
S21
S11
S22
S21
K
21/25
ASB Inc.
• sales@asb.co.kr
December 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com