Electronic Components Datasheet Search
  English  ▼

X  

AWB589 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # AWB589
Description  30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB589 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button AWB589 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AWB589
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-89-A1
6. Application: 30 ~ 512 MHz (Vdevice = +5 V, Additional Matching
)
6.1
Application Circuit & Evaluation Board
C2
L1
C3
C1
L2
L3
R1
AWB589
Vdevice = +5 V
RF OUT
RF IN
Bill of Material
Symbol
Value
Size
Description
Manufacturer
AWB589
-
-
MMIC Amplifier
ASB
C1, C2
1 µF
0603
DC blocking capacitor
Murata
C3
10 µF
0805
Decoupling capacitor
Murata
L1
1 µΗ
1206
RF choke inductor
Murata
L2
5.6 nH
0603
Matching inductor
Murata
L3
680 nH
0603
Matching inductor
Samsung
R1
5.6 kΩ
0603
Bias resistor
Samsung
12/25
ASB Inc.
• sales@asb.co.kr
December 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com