Electronic Components Datasheet Search
  English  ▼

X  

AWB589 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # AWB589
Description  30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB589 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  AWB589 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB589 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
AWB589
1. Product Overview
1.1
General Description
AWB589, a medium power amplifier MMIC, has high linearity and high efficiency over a wide range of
frequency from 30 MHz to 1200 MHz, being suitable for use in both receiver and transmitter of
telecommunication system up to 1.2 GHz. It has an active bias network for stable current over
temperature and process variation. The amplifier is available in an SOT89 package and passes through
the stringent DC, RF, and reliability tests.
1.2
Features
•
20.0 dB gain at 500 MHz
•
27.0 dBm P1dB at 500 MHz
•
42.0 dBm OIP3 at 500 MHz
•
Gain flatness = 0.6 dB at 470 ~ 860 MHz
•
50 Ω input & output matching
•
MTTF > 100 Years
•
Single supply: +5 V, +8 V
1.3
Applications
•
Wide-band amplifier at 30 ~ 1200 MHz
•
IF amplifier
1.4
Package Profile & RoHS Compliance
SOT89, 4.5x4.0 mm2, surface mount
RoHS-compliant
AWB589 Data Sheet
30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
Application circuit
C2
L1
C3
C1
AWB589
Vdevice
RF OUT
RF IN
1/25
ASB Inc.
• sales@asb.co.kr
December 2014


Similar Part No. - AWB589

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB589 ASB-AWB589 Datasheet
1Mb / 25P
30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
April 2017
AWB589 ASB-AWB589_17 Datasheet
1Mb / 25P
30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
April 2017
More results

Similar Description - AWB589

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB519 ASB-AWB519 Datasheet
961Kb / 17P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
April 2014
AWB578 ASB-AWB578 Datasheet
402Kb / 13P
30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
December 2014
AWB31D7 ASB-AWB31D7 Datasheet
746Kb / 15P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
October 2014
AWB512 ASB-AWB512 Datasheet
869Kb / 15P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
January 2014
AWB517 ASB-AWB517 Datasheet
893Kb / 17P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
January 2014
AWB578 ASB-AWB578_17 Datasheet
733Kb / 13P
30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
April 2017
AWB589 ASB-AWB589_17 Datasheet
1Mb / 25P
30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
April 2017
AWB512 ASB-AWB512_17 Datasheet
870Kb / 15P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
AWB517 ASB-AWB517_17 Datasheet
889Kb / 17P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
AWB519 ASB-AWB519_17 Datasheet
966Kb / 17P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com