Electronic Components Datasheet Search
  English  ▼

X  

AWG0020 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # AWG0020
Description  30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWG0020 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  AWG0020 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
ASB Inc.
 sales@asb.co.kr
July 2014
AWG0020
2.4
Absolute Maximum Ratings
Parameters
Max. Ratings
Operation Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+4 V
Operation Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)
+29 dBm
2.5
Thermal Resistance
Symbol
Description
Typ
Unit
Rth
Thermal resistance from junction to lead
180
C/W
2.6
ESD Classification & Moisture Sensitivity Level
ESD Classification
HBM
Class 1B
Voltage Level: 750 V
MM
Class A
Voltage Level: 100 V
Contact Discharge
Voltage Level: 1.0 kV (Input), 1.5 kV (Output)
Air Contact Discharge (10 cm)
Voltage Level: > 20 kV
CAUTION: Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can
be damaged by static electricity. Proper ESD control techniques should be used when
handling these devices.
Moisture Sensitivity Level
MSL 3 at 260
C reflow
(Intentionally Blanked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com