Electronic Components Datasheet Search
  English  ▼

X  

AWG0020 Datasheet(PDF) 8 Page - Advanced Semiconductor Business Inc.

Part # AWG0020
Description  30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWG0020 Datasheet(HTML) 8 Page - Advanced Semiconductor Business Inc.

Back Button AWG0020 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8/13
ASB Inc.
 sales@asb.co.kr
July 2014
AWG0020
4. Application: 30 ~ 1200 MHz (IF, CATV)
4.1
Application Circuit & Evaluation Board
C1
C2
C3
L1
C4
AWG0020
RF IN
RF OUT
Vdevice = +3.3 V
Bill of Material
Symbol
Value
Size
Description
Manufacturer
AWG0020
-
-
MMIC Amplifier
ASB
C1, C2
1
F
0603
DC blocking capacitor
Murata
C3
-
-
Not used
C4
10
F
0805
Decoupling capacitor
Murata
L1
1
H
0603
RF choke inductor
Samsung
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-89-A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com