Electronic Components Datasheet Search
  English  ▼

X  

AWG0020 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # AWG0020
Description  30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWG0020 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button AWG0020 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWG0020 Datasheet HTML 13Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12/13
ASB Inc.
 sales@asb.co.kr
July 2014
AWG0020
6. Package Outline (SOT363, 2.1x2.0x1.0 mm)
7. Surface Mount Recommendation (In mm)
1.48
0.30
0.42
0.50
1.23
0.30
Symbols
Dimensions (In mm)
MIN
NOM
MAX
A
0.900
1.000
1.10
A1
0.025
0.062
0.10
A2
0.875
0.937
1.00
b
0.200
0.300
0.40
C
0.100
0.125
0.15
D
1.900
2.000
2.10
F
1.150
1.250
1.35
E1
2.000
2.100
2.20
e
0.65BSC
e1
1.30BSC
L
0.425REF
NOTE
1. The number and size of ground via holes in a
circuit board are critical for thermal and RF
grounding considerations.
2. Recommend is that the ground via holes be
placed on the bottom of the ground leads and
exposed pad of the device for better RF and
thermal performance, as shown in the drawing at
the left side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com