Electronic Components Datasheet Search
  English  ▼

X  

ADR1500 Datasheet(PDF) 5 Page - Analog Devices

Part # ADR1500
Description  1.2875 V Micropower, Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1500 Datasheet(HTML) 5 Page - Analog Devices

  ADR1500_15 Datasheet HTML 1Page - Analog Devices ADR1500_15 Datasheet HTML 2Page - Analog Devices ADR1500_15 Datasheet HTML 3Page - Analog Devices ADR1500_15 Datasheet HTML 4Page - Analog Devices ADR1500_15 Datasheet HTML 5Page - Analog Devices ADR1500_15 Datasheet HTML 6Page - Analog Devices ADR1500_15 Datasheet HTML 7Page - Analog Devices ADR1500_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADR1500
Rev. 0 | Page 5 of 8
TYPICAL PERFORMANCE CHARACTERISTICS
1.310
1.305
1.300
1.295
1.290
1.285
1.280
1.275
1.270
–50
125
100
75
50
25
0
–25
TEMPERATURE (°C)
Figure 2. Output Drift for Different Temperature Characteristics
6
5
4
3
2
1
0
–1
–2
0.01
10
1
0.1
REVERSE CURRENT (mA)
+125°C
+85°C
+25°C
–40°C
Figure 3. Output Voltage Error vs. Reverse Current
1000
100
10
1
1
1000000
100
1000
10000
100000
10
FREQUENCY (Hz)
Figure 4. Noise Spectral Density
100
80
60
40
20
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
REVERSE VOLTAGE (V)
+85°C
+25°C
–40°C
Figure 5. Reverse Current vs. Reverse Voltage
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.01
100
110
0.1
FORWARD CURRENT (mA)
–40°C
+85°C
+25°C
Figure 6. Forward Voltage vs. Forward Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com