Electronic Components Datasheet Search
  English  ▼

X  

ADR1500 Datasheet(PDF) 3 Page - Analog Devices

Part # ADR1500
Description  1.2875 V Micropower, Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1500 Datasheet(HTML) 3 Page - Analog Devices

  ADR1500_15 Datasheet HTML 1Page - Analog Devices ADR1500_15 Datasheet HTML 2Page - Analog Devices ADR1500_15 Datasheet HTML 3Page - Analog Devices ADR1500_15 Datasheet HTML 4Page - Analog Devices ADR1500_15 Datasheet HTML 5Page - Analog Devices ADR1500_15 Datasheet HTML 6Page - Analog Devices ADR1500_15 Datasheet HTML 7Page - Analog Devices ADR1500_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADR1500
Rev. 0 | Page 3 of 8
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
TA = 25°C, IIN = 100 μA, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
REVERSE VOLTAGE OUTPUT
1.2849
1.2875
1.2901
V
REVERSE VOLTAGE TEMPERATURE DRIFT, −40°C to +85°C
170
220
ppm/°C
MINUMUM OPERATING CURRENT, −40°C to +85°C
50
μA
REVERSE VOLTAGE CHANGE WITH REVERSE CURRENT
50 μA < IIN < 10 mA, −40°C to +85°C
3.0
6
mV
50 μA < IIN < 1 mA, −40°C to +85°C
0.7
mV
DYNAMIC OUTPUT IMPEDANCE (ΔVR/ΔIR)
IIN = 1 mA ± 100 μA (f = 120 Hz)
0.4
1
Ω
OUTPUT NOISE
RMS Noise Voltage: 10 Hz to 10 kHz
20
μV rms
Low Frequency Noise Voltage: 0.1 Hz to 10 Hz
5
μV p-p
TURN-ON SETTLING TIME TO 0.1%, NO COUT
5
μs
OUTPUT VOLTAGE HYSTERESIS
80
μV
TEMPERATURE RANGE
Specified Range
−40
+85
°C
Operating Range
−55
+125
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com