Electronic Components Datasheet Search
  English  ▼

X  

ADR1500 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR1500
Description  1.2875 V Micropower, Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1500 Datasheet(HTML) 1 Page - Analog Devices

  ADR1500_15 Datasheet HTML 1Page - Analog Devices ADR1500_15 Datasheet HTML 2Page - Analog Devices ADR1500_15 Datasheet HTML 3Page - Analog Devices ADR1500_15 Datasheet HTML 4Page - Analog Devices ADR1500_15 Datasheet HTML 5Page - Analog Devices ADR1500_15 Datasheet HTML 6Page - Analog Devices ADR1500_15 Datasheet HTML 7Page - Analog Devices ADR1500_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.2875 V Micropower, Shunt
Voltage Reference
ADR1500
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Wide operating range: 50 μA to 10 mA
Initial accuracy: ±0.2% max
Output impedance: 1 Ω max
Wideband noise (10 Hz to 10 kHz): 20 μV rms
Operating temperature: −40°C to +85°C
Compact, surface-mount SC70 package
APPLICATIONS
Computer servers
Battery-powered instrumentation
Portable medical equipment
Automotive
PIN CONFIGURATION
V–
1
V+
2
NC (OR V–)
3
TOP VIEW
(Not to Scale)
NC = NO CONNECT
ADR1500
Figure 1. 3-Lead SC70 (KS Suffix)
GENERAL DESCRIPTION
The ADR1500 is a low cost, 2-terminal (shunt), precision band
gap reference. It provides an accurate 1.2875 V output for input
currents between 50 μA to 10 mA.
The low minimum operating current makes the ADR1500 ideal
for use in battery-powered 3 V or 5 V systems. However, the
wide operating current range means the ADR1500 is extremely
versatile and suitable for use in a wide variety of high current
applications.
The ADR1500 is available in the tiny SC70 package and is
specified over the −40°C to +85°C operating temperature range.


Similar Part No. - ADR1500_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR1500BKSZ-REEL AD-ADR1500BKSZ-REEL Datasheet
226Kb / 8P
1.2875 V Micropower, Shunt Voltage Reference
1/06-Revision 0
More results

Similar Description - ADR1500_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4431 NSC-LM4431 Datasheet
130Kb / 8P
Micropower Shunt Voltage Reference
logo
Advanced Monolithic Sys...
AMS124 ADMOS-AMS124 Datasheet
34Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255 ADMOS-AMS255 Datasheet
36Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040 ADMOS-AMS4040 Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Analog Devices
ADR1500 AD-ADR1500 Datasheet
226Kb / 8P
1.2875 V Micropower, Shunt Voltage Reference
1/06-Revision 0
logo
Advanced Monolithic Sys...
AMS255 ADMOS-AMS255_05 Datasheet
83Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS124 ADMOS-AMS124_05 Datasheet
79Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4431 TI-LM4431_15 Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com