Electronic Components Datasheet Search
  English  ▼

X  

RFD15P05 Datasheet(PDF) 4 Page - Intersil Corporation

Part # RFD15P05
Description  15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD15P05 Datasheet(HTML) 4 Page - Intersil Corporation

  RFD15P05 Datasheet HTML 1Page - Intersil Corporation RFD15P05 Datasheet HTML 2Page - Intersil Corporation RFD15P05 Datasheet HTML 3Page - Intersil Corporation RFD15P05 Datasheet HTML 4Page - Intersil Corporation RFD15P05 Datasheet HTML 5Page - Intersil Corporation RFD15P05 Datasheet HTML 6Page - Intersil Corporation RFD15P05 Datasheet HTML 7Page - Intersil Corporation RFD15P05 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-99
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
-10
-50
-1
0.1
1
10
100
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 150
oC
STARTING TJ = 25
oC
If R = 0
tAV = (L/R) ln [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1]
tAV = (L) (IAS) / (1.3RATED BVDSS - VDD)
If R
≠ 0
0
0
-1.5
-3.0
-4.5
-6.0
-7.5
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -5V
VGS = -6V
VGS = -8V
VGS = -7V
VGS = -10V
-10
-20
-40
VGS = -4.5V
VGS = -20V
-30
PULSE DURATION = 80
µs
TC = 25
oC
DUTY CYCLE = 0.5% MAX
0
-2
-4
-6
-8
-10
VGS, GATE TO SOURCE VOLTAGE (V)
0
VDD = -15V
PULSE DURATION = 250
µs
-55oC
175oC
25oC
-8
-16
-32
-24
-40
DUTY CYCLE = 0.5% MAX
2.0
1.5
1.0
0.5
0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
2.5
200
PULSE DURATION = 80
µs
VGS = -10V, ID = -15A
DUTY CYCLE = 0.5% MAX
2.0
1.5
1.0
0.5
0
-80
-40
0
40
80
160
120
TJ, JUNCTION TEMPERATURE (
oC)
200
VGS = VDS
ID = -250µA
2.0
1.5
1.0
0.5
0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
200
ID = -250µA
RFD15P05, RFD15P05SM, RFP15P05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com