Electronic Components Datasheet Search
  English  ▼

X  

RFD15P05 Datasheet(PDF) 7 Page - Intersil Corporation

Part # RFD15P05
Description  15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD15P05 Datasheet(HTML) 7 Page - Intersil Corporation

  RFD15P05 Datasheet HTML 1Page - Intersil Corporation RFD15P05 Datasheet HTML 2Page - Intersil Corporation RFD15P05 Datasheet HTML 3Page - Intersil Corporation RFD15P05 Datasheet HTML 4Page - Intersil Corporation RFD15P05 Datasheet HTML 5Page - Intersil Corporation RFD15P05 Datasheet HTML 6Page - Intersil Corporation RFD15P05 Datasheet HTML 7Page - Intersil Corporation RFD15P05 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-102
PSPICE Electrical Model
.SUBCKT RFP15P05 2 1 3
REV 9/06/94
CA 12 8 1.6e-9
CB 15 14 1.47e-9
CIN 6 8 1.09e-9
DBODY 5 7 DBDMOD
DBREAK 7 11 DBKMOD
DPLCAP 10 6 DPLCAPMOD
EBREAK 5 11 17 18 -73.0
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 5 10 8 6 1
EVTO 20 6 8 18 1
IT 8 17 1
LDRAIN 2 5 1e-9
LGATE 1 9 6.73e-9
LSOURCE 3 7 6.69e-9
MOS1 16 6 8 8 MOSMOD M = 0.99
MOS2 16 21 8 8 MOSMOD M = 0.01
RBREAK 17 18 RBKMOD 1
RDRAIN 50 16 RDSMOD 63.6e-3
RGATE 9 20 7.37
RIN 6 8 1e9
RSCL1 5 51 RSCLMOD 1e-6
RSCL2 5 50 1e3
RSOURCE 8 7 RDSMOD 46.5e-3
RVTO 18 19 RVTOMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 8 19 DC 1
VTO 21 6 -0.65
ESCL 51 50 VALUE = {(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)*1e6/35,4))}
.MODEL DBDMOD D (IS = 1.27e-13 RS = 1.62e-2 TRS1 = 1.35e-3 TRS2 = -4.33e-6 CJO = 1.25e-9 TT = 7.97e-8)
.MODEL DBKMOD D (RS = 2.54e-1 TRS1 = 4.54e-3 TRS2 = -1.12e-5)
.MODEL DPLCAPMOD D (CJO = 285e-12 IS = 1e-30 N = 10)
.MODEL MOSMOD PMOS (VTO = -3.78 KP = 6.97 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u)
.MODEL RBKMOD RES (TC1 = 9.15e-4 TC2 = -4.0e-7)
.MODEL RDSMOD RES (TC1 = 5.47e-3 TC2 = 1.37e-5)
.MODEL RSCLMOD RES (TC1 = 1.9e-3 TC2 = -7.5e-6)
.MODEL RVTOMOD RES (TC1 = -3.71e-3 TC2 = -2.41e-6)
.MODEL S1AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 3.65 VOFF = 1.65)
.MODEL S1BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 1.65 VOFF = 3.65)
.MODEL S2AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 0.60 VOFF = -4.40)
.MODEL S2BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -4.40 VOFF = 0.60)
.ENDS
NOTE: For further discussion of the PSPICE model, consult A New PSPICE Sub-circuit for the Power MOSFET Featuring Global
Temperature Options; authored by William J. Hepp and C. Frank Wheatley.
MOS1
10
DPLCAP
RDRAIN
DBREAK
LDRAIN
DRAIN
LSOURCE
DBODY
RSOURCE
EBREAK
MOS2
RIN
CIN
VTO
ESG
CA
EVTO
RGATE
GATE
LGATE
5
2
11
21
8
6
16
20
9
1
18
8
6
8
+
-
-
+
-
-
3
SOURCE
RBREAK
RVTO
VBAT
+
-
19
IT
EDS
EGS
S1A
S2A
S2B
S1B
CB
18
17
7
12
15
14
13
13
8
14
13
5
8
+
-
+
-
5
51
RSCL2
RSCL1
ESCL
6
8
17
18
RFD15P05, RFD15P05SM, RFP15P05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com