Electronic Components Datasheet Search
  English  ▼

X  

RFD15P05 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFD15P05
Description  15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD15P05 Datasheet(HTML) 1 Page - Intersil Corporation

  RFD15P05 Datasheet HTML 1Page - Intersil Corporation RFD15P05 Datasheet HTML 2Page - Intersil Corporation RFD15P05 Datasheet HTML 3Page - Intersil Corporation RFD15P05 Datasheet HTML 4Page - Intersil Corporation RFD15P05 Datasheet HTML 5Page - Intersil Corporation RFD15P05 Datasheet HTML 6Page - Intersil Corporation RFD15P05 Datasheet HTML 7Page - Intersil Corporation RFD15P05 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-96
File Number
2387.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
PSPICE® is a registered trademark of MicroSim Corporation.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
RFD15P05, RFD15P05SM, RFP15P05
15A, 50V, 0.150 Ohm, P-Channel Power
MOSFETs
These are P-Channel power MOSFETs manufactured using
the MegaFET process. This process which uses feature
sizes approaching those of LSI integrated circuits, gives
optimum utilization of silicon, resulting in outstanding
performance. They were designed for use in applications
such as switching regulators, switching converters, motor
drivers, and relay drivers. These transistors can be operated
directly from integrated circuits.
Formerly developmental type TA09833.
Features
• 15A, 50V
•rDS(ON) = 0.150Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFD15P05
TO-251AA
D15P05
RFD15P05SM
TO-252AA
D15P05
RFP15P05
TO-220AB
RFP15P05
NOTE: When ordering, use the entire part number. Add the suffix 9A to
obtain the TO-252AA variant in the tape and reel, i.e., RFD15P05SM9A.
D
G
S
JEDEC TO-220AB
JEDEC TO-251AA
JEDEC TO-252AA
DRAIN
(FLANGE)
SOURCE
DRAIN
GATE
SOURCE
DRAIN
GATE
DRAIN
(FLANGE)
DRAIN
(FLANGE)
GATE
SOURCE
Data Sheet
July 1999


Similar Part No. - RFD15P05

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RFD15P05 VBSEMI-RFD15P05 Datasheet
940Kb / 7P
P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFD15P05 ISC-RFD15P05 Datasheet
308Kb / 2P
isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
RFD15P05SM VBSEMI-RFD15P05SM Datasheet
985Kb / 8P
P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFD15P05SM ISC-RFD15P05SM Datasheet
298Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - RFD15P05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD15P06 INTERSIL-RFD15P06 Datasheet
87Kb / 8P
15A, 60V, 0.150 Ohm, P-Channel Power MOSFETs
July 1999
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
July 1999
RFD8P05 INTERSIL-RFD8P05 Datasheet
51Kb / 6P
8A, 50V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
RFG30P05 INTERSIL-RFG30P05 Datasheet
70Kb / 8P
30A, 50V, 0.065 Ohm, P-Channel Power MOSFETs
July 1999
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
September 1998
RFP15N15 INTERSIL-RFP15N15 Datasheet
36Kb / 5P
15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
October 1998
logo
Fairchild Semiconductor
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com