Electronic Components Datasheet Search
  English  ▼

X  

ADV7189B Datasheet(PDF) 64 Page - Analog Devices

Part # ADV7189B
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7189B Datasheet(HTML) 64 Page - Analog Devices

Back Button ADV7189B_15 Datasheet HTML 60Page - Analog Devices ADV7189B_15 Datasheet HTML 61Page - Analog Devices ADV7189B_15 Datasheet HTML 62Page - Analog Devices ADV7189B_15 Datasheet HTML 63Page - Analog Devices ADV7189B_15 Datasheet HTML 64Page - Analog Devices ADV7189B_15 Datasheet HTML 65Page - Analog Devices ADV7189B_15 Datasheet HTML 66Page - Analog Devices ADV7189B_15 Datasheet HTML 67Page - Analog Devices ADV7189B_15 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 104 page
background image
ADV7189B
Rev. B | Page 64 of 104
Subaddress
Register Name
Reset Value
rw
Dec
Hex
Reserved
xxxx xxxx
rw
62 to 64
0x3E to 0x40
Resample Control
0100 0001
rw
65
0x41
Reserved
xxxx xxxx
rw
66 to 71
0x42 to 0x47
Gemstar Ctrl 1
00000000
rw
72
0x48
Gemstar Ctrl 2
0000 0000
rw
73
0x49
Gemstar Ctrl 3
0000 0000
rw
74
0x4A
Gemstar Ctrl 4
0000 0000
rw
75
0x4B
GemStar Ctrl 5
xxxx xxx0
rw
76
0x4C
CTI DNR Ctrl 1
1110 1111
rw
77
0x4D
CTI DNR Ctrl 2
0000 1000
rw
78
0x4E
Reserved
xxxx xxxx
rw
79
0x4F
CTI DNR Ctrl 4
0000 1000
rw
80
0x50
Lock Count
0010 0100
rw
81
0x51
Reserved
xxxx xxxx
rw
82 to 142
0x52 to 0x8E
Free Run Line Length 1
0000 0000
w
143
0x8F
Reserved
0000 0000
w
144
0x90
VBI Info
xxxx xxxx
r
144
0x90
WSS 1
xxxx xxxx
r
145
0x91
WSS 2
xxxx xxxx
r
146
0x92
EDTV 1
xxxx xxxx
r
147
0x93
EDTV 2
xxxx xxxx
r
148
0x94
EDTV 3
xxxx xxxx
r
149
0x95
CGMS 1
xxxx xxxx
r
150
0x96
CGMS 2
xxxx xxxx
r
151
0x97
CGMS 3
xxxx xxxx
r
152
0x98
CCAP 1
xxxx xxxx
r
153
0x99
CCAP 2
xxxx xxxx
r
154
0x9A
Letterbox 1
xxxx xxxx
r
155
0x9B
Letterbox 2
xxxx xxxx
r
156
0x9C
Letterbox 3
xxxx xxxx
r
157
0x9D
Reserved
xxxx xxxx
rw
158 to 177
0x9E to 0xB1
CRC Enable
0001 1100
w
178
0xB2
Reserved
xxxx xxxx
rw
179 to 194
0xB2 to 0xC2
ADC Switch 1
xxxx xxxx
rw
195
0xC3
ADC Switch 2
0xxx xxxx
rw
196
0xC4
Reserved
xxxx xxxx
rw
197 to 219
0xC5 to 0xDB
Letterbox Control 1
1010 1100
rw
220
0xDC
Letterbox Control 2
0100 1100
rw
221
0xDD
Reserved
0000 0000
rw
222
0xDE
Reserved
0000 0000
rw
223
0xDF
Reserved
0001 0100
rw
224
0xE0
SD Offset Cb
1000 0000
rw
225
0xE1
SD Offset Cr
1000 0000
rw
226
0xE2
SD Saturation Cb
1000 0000
rw
227
0xE3
SD Saturation Cr
1000 0000
rw
228
0xE4
NTSC V Bit Begin
0010 0101
rw
229
0xE5
NTSC V Bit End
0000 0100
rw
230
0xE6
NTSC F Bit Toggle
0110 0011
rw
231
0xE7
PAL V Bit Begin
0110 0101
rw
232
0xE8
PAL V Bit End
0001 0100
rw
233
0xE9
PAL F Bit Toggle
0110 0011
rw
234
0xEA
Reserved
xxxx xxxx
rw
235 to 243
0xEB to 0xF3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com