Electronic Components Datasheet Search
  English  ▼

X  

ADV7189B Datasheet(PDF) 12 Page - Analog Devices

Part # ADV7189B
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7189B Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV7189B_15 Datasheet HTML 8Page - Analog Devices ADV7189B_15 Datasheet HTML 9Page - Analog Devices ADV7189B_15 Datasheet HTML 10Page - Analog Devices ADV7189B_15 Datasheet HTML 11Page - Analog Devices ADV7189B_15 Datasheet HTML 12Page - Analog Devices ADV7189B_15 Datasheet HTML 13Page - Analog Devices ADV7189B_15 Datasheet HTML 14Page - Analog Devices ADV7189B_15 Datasheet HTML 15Page - Analog Devices ADV7189B_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
ADV7189B
Rev. B | Page 12 of 104
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type
Function
3, 9, 14, 31, 71
DGND
G
Digital Ground.
39, 40, 47, 53,
56
AGND
G
Analog Ground.
4, 15
DVDDIO
P
Digital I/O Supply Voltage (3.3 V).
10, 30, 72
DVDD
P
Digital Core Supply Voltage (1.8 V).
50
AVDD
P
Analog Supply Voltage (3.3 V).
38
PVDD
P
PLL Supply Voltage (1.8 V).
42, 44, 46, 58,
60, 62, 41, 43,
45, 57, 59, 61
AIN1toAIN12
I
Analog Video Input Channels.
11
INTRQ
O
Interrupt Request Output. Interrupt occurs when certain signals are detected on the input
video. See the interrupt register map in
132H
Table 86.
13, 16, 25, 63,
65, 69, 70, 77,
78
NC
No Connect Pins.
35 to32, 24 to
17, 8 to 5,
76 to 73
P0–P19
O
Video Pixel Output Port.
2
HS
O
Horizontal Synchronization Output Signal.
1
VS
O
Vertical Synchronization Output Signal.
80
FIELD
O
Field Synchronization Output Signal.
67
SDA
I/O
I2C Port Serial Data Input/Output Pin.
68
SCLK
I
I2C Port Serial Clock Input (Max Clock Rate of 400 kHz).
66
ALSB
I
This pin selects the I2C address for the ADV7189B. ALSB set to a Logic 0 sets the address for a
write as 0x40; for ALSB set to a logic high, the address selected is 0x42.
64
RESET
I
System Reset Input, Active Low. A minimum low reset pulse width of 5 ms is required to reset
the ADV7189B circuitry.
27
LLC1
O
This is a line-locked output clock for the pixel data output by the ADV7189B. Nominally 27 MHz,
but varies up or down according to video line length.
26
LLC2
O
This is a divide-by-2 version of the LLC1 output clock for the pixel data output by the ADV7189B.
Nominally 13.5 MHz, but varies up or down according to video line length.
29
XTAL
I
This is the input pin for the 28.6363 MHz crystal, or can be overdriven by an external 3.3 V,
27 MHz clock oscillator source. In crystal mode, the crystal must be a fundamental crystal.
28
XTAL1
O
This pin should be connected to the 28.6363 MHz crystal or left as a no connect if an external
3.3 V, 27 MHz clock oscillator source is used to clock the ADV7189B. In crystal mode, the crystal
must be a fundamental crystal.
36
PWRDN
I
A logic low on this pin places the ADV7189B in a power-down mode. Refer to Power
Management Register in the
133H
I2C Register Maps section for more options on power-down
modes for the ADV7189B.
79
OE
I
When set to a logic low, OE enables the pixel output bus, P19 toP0 of the ADV7189B. A logic
high on the OE pin places Pins P19 to P0, HS, VS, SFL into a high impedance state.
37
ELPF
I
The recommended external loop filter must be connected to this ELPF pin, as shown in
134H
Figure 46.
12
SFL
O
Subcarrier Frequency Lock. This pin contains a serial output stream that can be used to lock the
subcarrier frequency when this decoder is connected to any Analog Devices, Inc. digital video
encoder.
51
REFOUT
O
Internal Voltage Reference Output. Refer to
135H
Figure 46 for a recommended capacitor network for
this pin.
52
CML
O
The CML pin is a common-mode level for the internal ADCs. Refer to
136H
Figure 46 for a
recommended capacitor network for this pin.
48, 49
CAPY1, CAPY2
I
ADC’s Capacitor Network. Refer to
137H
Figure 46 for a recommended capacitor network for this pin.
54, 55
CAPC1, CAPC2
I
ADC’s Capacitor Network. Refer to
138H
Figure 46 for a recommended capacitor network for this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com