Electronic Components Datasheet Search
  English  ▼

X  

ADV7189B Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7189B
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7189B Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7189B_15 Datasheet HTML 3Page - Analog Devices ADV7189B_15 Datasheet HTML 4Page - Analog Devices ADV7189B_15 Datasheet HTML 5Page - Analog Devices ADV7189B_15 Datasheet HTML 6Page - Analog Devices ADV7189B_15 Datasheet HTML 7Page - Analog Devices ADV7189B_15 Datasheet HTML 8Page - Analog Devices ADV7189B_15 Datasheet HTML 9Page - Analog Devices ADV7189B_15 Datasheet HTML 10Page - Analog Devices ADV7189B_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
ADV7189B
Rev. B | Page 7 of 104
VIDEO SPECIFICATIONS
Guaranteed by characterization. At AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.65 V to 2.0 V;
operating temperature range, unless otherwise specified.
Table 2.
Parameter
0F
1,
1F
2
Symbol
Test Conditions
Min
Typ
Max
Unit
NONLINEAR SPECIFICATIONS
Differential Phase
DP
CVBS I/P, modulate 5-step
0.4
0.6
Degrees
Differential Gain
DG
CVBS I/P, modulate 5-step
0.4
0.6
%
Luma Nonlinearity
LNL
CVBS I/P, 5-step
0.4
0.7
%
NOISE SPECIFICATIONS
SNR Unweighted
Luma ramp
61
63
dB
Luma flat field
63
65
dB
Analog Front End Crosstalk
60
dB
LOCK TIME SPECIFICATIONS
Horizontal Lock Range
–5
+5
%
Vertical Lock Range
40
70
Hz
FSC Subcarrier Lock Range
±1.3
Hz
Color Lock In Time
60
Lines
Sync Depth Range
20
200
%
Color Burst Range
5
200
%
Vertical Lock Time
2
Fields
Autodetection Switch Speed
100
Lines
CHROMA SPECIFICATIONS
Hue Accuracy
HUE
1
Degrees
Color Saturation Accuracy
CL_AC
1
%
Color AGC Range
5
400
%
Chroma Amplitude Error
0.4
%
Chroma Phase Error
0.3
Degrees
Chroma Luma Intermodulation
0.1
%
LUMA SPECIFICATIONS
Luma Brightness Accuracy
CVBS, 1 V I/P
1
%
Luma Contrast Accuracy
CVBS, 1 V I/P
1
%
1 Temperature range: TMIN to TMAX, –40°C to +85°C. (0°C to 70°C for ADV7189BKSTZ).
2 The min/max specifications are guaranteed over this range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com