Electronic Components Datasheet Search
  English  ▼

X  

RFP60P03 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFP60P03
Description  60A, 30V, 0.027 Ohm, P-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP60P03 Datasheet(HTML) 1 Page - Intersil Corporation

  RFP60P03 Datasheet HTML 1Page - Intersil Corporation RFP60P03 Datasheet HTML 2Page - Intersil Corporation RFP60P03 Datasheet HTML 3Page - Intersil Corporation RFP60P03 Datasheet HTML 4Page - Intersil Corporation RFP60P03 Datasheet HTML 5Page - Intersil Corporation RFP60P03 Datasheet HTML 6Page - Intersil Corporation RFP60P03 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-140
File Number
3951.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
PSPICE® is a registered trademark of MicroSim Corporation.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
RFG60P03, RFP60P03, RF1S60P03SM
60A, 30V, 0.027 Ohm, P-Channel Power
MOSFETs
These P-Channel power MOSFETs are manufactured using
the MegaFET process. This process, which uses feature
sizes approaching those of LSI integrated circuits gives
optimum utilization of silicon, resulting in outstanding
performance. They were designed for use in applications
such as switching regulators, switching converters, motor
drivers and relay drivers. These transistors can be operated
directly from integrated circuits.
Formerly developmental type TA49045.
Features
• 60A, 30V
•rDS(ON) = 0.027Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175oC Operating Temperature
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFG60P03
TO-247
RFG60P03
RFP60P03
TO-220AB
RFP60P03
RF1S60P03SM
TO-263AB
F1S60P03
NOTE: When ordering, use the entire part number. Add the suffix 9A to
obtain the TO-263AB variant in tape and reel, i.e. RF1S60P03SM9A.
G
D
S
JEDEC STYLE TO-247
JEDEC TO-220AB
JEDEC TO-263AB
DRAIN
(BOTTOM
SIDE METAL)
SOURCE
DRAIN
GATE
DRAIN
(FLANGE)
SOURCE
DRAIN
GATE
DRAIN
(FLANGE)
GATE
SOURCE
Data Sheet
July 1999


Similar Part No. - RFP60P03

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP60P03 FAIRCHILD-RFP60P03 Datasheet
104Kb / 6P
60A, 30V, Avalanche Rated, P-Channel Enhancement-Mode Power MOSFETs
logo
Inchange Semiconductor ...
RFP60P03 ISC-RFP60P03 Datasheet
372Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - RFP60P03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS6PF30L STMICROELECTRONICS-STS6PF30L Datasheet
295Kb / 8P
P-CHANNEL 30V - 0.027 ohm - 6A SO-8 STripFET™ POWER MOSFET
May-2003
logo
Fairchild Semiconductor
HUF76009P3 FAIRCHILD-HUF76009P3 Datasheet
252Kb / 12P
20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
RFG60P03 FAIRCHILD-RFG60P03 Datasheet
104Kb / 6P
60A, 30V, Avalanche Rated, P-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
HUF76009P3 INTERSIL-HUF76009P3 Datasheet
243Kb / 11P
20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
2000 04
logo
Unisonic Technologies
UTT60P03 UTC-UTT60P03 Datasheet
168Kb / 5P
-60A, -30V, P-CHANNEL POWER MOSFETS
logo
First Silicon Co., Ltd
FDS3907 FS-FDS3907 Datasheet
1Mb / 4P
30V P-Channel MOSFETs
FTK3805 FS-FTK3805 Datasheet
927Kb / 5P
30V P-Channel MOSFETs
FTK3911L FS-FTK3911L Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3009DFN22 FS-FTK3009DFN22 Datasheet
556Kb / 5P
30V P-Channel MOSFETs
FTK3911T FS-FTK3911T Datasheet
1Mb / 5P
30V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com