Electronic Components Datasheet Search
  English  ▼

X  

RFP60P03 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFP60P03
Description  60A, 30V, 0.027 Ohm, P-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP60P03 Datasheet(HTML) 3 Page - Intersil Corporation

  RFP60P03 Datasheet HTML 1Page - Intersil Corporation RFP60P03 Datasheet HTML 2Page - Intersil Corporation RFP60P03 Datasheet HTML 3Page - Intersil Corporation RFP60P03 Datasheet HTML 4Page - Intersil Corporation RFP60P03 Datasheet HTML 5Page - Intersil Corporation RFP60P03 Datasheet HTML 6Page - Intersil Corporation RFP60P03 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-142
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
-50
-40
-30
-20
-10
0
25
50
75
100
125
150
175
TC , CASE TEMPERATURE (
oC)
-60
-70
PDM
t1
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJC x RθJC + TC
t2
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
t , RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
0.5
-500
-100
-10
-1
-1
-10
-60
VDS , DRAIN TO SOURCE VOLTAGE (V)
1ms
100
µs
10ms
100ms
DC
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
TC = 25
oC
TJ = MAX RATED
10-6
10-5
10-4
10-3
10-2
10-1
100
101
-102
-103
t , PULSE WIDTH (ms)
VGS = -20V
VGS = -10V
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
FOR TEMPERATURES ABOVE 25oC
DERATE PEAK CURRENT
CAPABILITY AS FOLLOWS:
II
25
175
T
C
–
150
------------------------



=
-50
TC = 25
oC
RFG60P03, RFP60P03, RF1S60P03SM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com