Electronic Components Datasheet Search
  English  ▼

X  

RFP60P03 Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFP60P03
Description  60A, 30V, 0.027 Ohm, P-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP60P03 Datasheet(HTML) 2 Page - Intersil Corporation

  RFP60P03 Datasheet HTML 1Page - Intersil Corporation RFP60P03 Datasheet HTML 2Page - Intersil Corporation RFP60P03 Datasheet HTML 3Page - Intersil Corporation RFP60P03 Datasheet HTML 4Page - Intersil Corporation RFP60P03 Datasheet HTML 5Page - Intersil Corporation RFP60P03 Datasheet HTML 6Page - Intersil Corporation RFP60P03 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-141
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
RFG60P03, RFP60P03, RFS60P03SM
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDSS
-30
V
Drain to Gate Voltage, (Rgs = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
-30
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
V
Continuous Drain Current (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
60
Refer to Peak Current Curve
A
Single Pulse Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Figure 6
Maximum Power Dissipation (Figure 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
176
1.17
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TJ,TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 11)
-30
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 10)
-2
-
-4
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
-1
µA
VDS = 0.8 x Rated BVDSS, TC = 150
oC
-
-
-50
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 60A, VGS = 10V
-
-
0.027
Ω
Turn-On Time
tON
VDD = 15V, ID ≈ 60A, RL = 0.25Ω,
VGS = -10V, RG = 2.5Ω,
(Figure 13)
-
-
140
ns
Turn-On Delay Time
td(ON)
-20
-
ns
Rise Time
tr
-75
-
ns
Turn-Off Delay Time
td(OFF)
-35
-
ns
Fall Time
tf
-40
-
ns
Turn-Off Time
tOFF
-
-
115
ns
Total Gate Charge
Qg(TOT)
VGS = 0 to -20V
VDD = -24V, ID ≈ 60A,
RL = 0.4Ω
Ig(REF) = -3mA
-
190
230
nC
Gate Charge at 10V
Qg(-10)
VGS = 0 to -10V
-
100
120
nC
Threshold Gate Charge
Qg(TH)
VGS = 0 to -2V
-
7.5
9
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz
(Figure 12)
-
3000
-
pF
Output Capacitance
COSS
-
1500
-
pF
Reverse Transfer Capacitance
CRSS
-
525
-
pF
Thermal Resistance, Junction to Case
RθJC
(Figure 3)
-
-
0.85
oC/W
Thermal Resistance, Junction to Ambient
RθJA
TO-220AB, TO- 263AB
-
-
62
oC/W
TO-247
-
-
30
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = -60A
-
-
-1.75
V
Diode Reverse Recovery Time
trr
ISD = -60A, dISD/dt = 100A/µs
-
-
200
ns
NOTE:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature. See Transient Thermal Impedance curve (Figure 3)
RFG60P03, RFP60P03, RF1S60P03SM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com