Electronic Components Datasheet Search
  English  ▼

X  

RFP7N40 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFP7N40
Description  7A, 350V and 400V, 0.75 Ohm, N-Channel Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP7N40 Datasheet(HTML) 1 Page - Intersil Corporation

  RFP7N40 Datasheet HTML 1Page - Intersil Corporation RFP7N40 Datasheet HTML 2Page - Intersil Corporation RFP7N40 Datasheet HTML 3Page - Intersil Corporation RFP7N40 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-1
Semiconductor
July 1998
Features
• 7A, 350V and 400V
•rDS(ON) = 0.75Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Description
These are N-Channel enhancement mode silicon gate
power field effect transistors designed for applications such
as switching regulators, switching converters, motor drivers,
relay drivers and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These types can be operated directly from integrated
circuits.
Formerly developmental type TA17424.
Symbol
Packaging
JEDEC TO-204AA
JEDEC TO-220AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFM7N35
TO-204AA
RFM7N35
RFM7N40
TO-204AA
RFM7N40
RFP7N35
TO-220AB
RFP7N35
RFP7N40
TO-220AB
RFP7N40
NOTE: When ordering, use the entire part number.
D
G
S
DRAIN
(FLANGE)
SOURCE (PIN 2)
GATE (PIN 1)
SOURCE
DRAIN
GATE
DRAIN
(TAB)
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handling Procedures.
Copyright
© Harris Corporation 1998
File Number
1536.2
RFM7N35, RFM7N40,
RFP7N35, RFP7N40
7A, 350V and 400V, 0.75 Ohm,
N-Channel Power MOSFETs


Similar Part No. - RFP7N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RFP7N45 ISC-RFP7N45 Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - RFP7N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
N-Channel Power MOSFETs, 5.5A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 15A, 350V/400V
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
N-Channel Power MOSFETs, 10A, 350V/400V
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
N-Channel Power MOSFETs, 15A, 350V/400V
logo
Intersil Corporation
IRF320 INTERSIL-IRF320 Datasheet
67Kb / 7P
2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
July 1998
IRFR320 INTERSIL-IRFR320 Datasheet
55Kb / 7P
3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs
July 1999
RFH12N35 INTERSIL-RFH12N35 Datasheet
40Kb / 5P
12A, 350V and 400V, 0.380 Ohm, N-Channel Power MOSFETs
October 1998
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
September 1998
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
October 1998
logo
New Jersey Semi-Conduct...
IRF320 NJSEMI-IRF320 Datasheet
137Kb / 3P
2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com