Electronic Components Datasheet Search
  English  ▼

X  

RFP7N40 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFP7N40
Description  7A, 350V and 400V, 0.75 Ohm, N-Channel Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP7N40 Datasheet(HTML) 3 Page - Intersil Corporation

  RFP7N40 Datasheet HTML 1Page - Intersil Corporation RFP7N40 Datasheet HTML 2Page - Intersil Corporation RFP7N40 Datasheet HTML 3Page - Intersil Corporation RFP7N40 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5-3
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. SATURATION CHARACTERISTICS
FIGURE 5. TRANSFER CHARACTERISTICS
FIGURE 6. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
8
7
6
5
4
3
2
1
0
RFM7N40
RFP7N40
TC = 25
oC
TJ = MAX RATED
1
10
100
1000
VDS, DRAIN TO SOURCE VOLTAGE (V)
100
10
1
0
ID (MAX)
CONTINUOUS
DC
OPERA
TION
RFM7N35, RFP7N35
OPERATION IN
THIS AREA IS
LIMITED BY rDS(ON)
RFM7N40, RFP7N40
RFM7N35, 40
RFP7N35, 40
04
8
12
16
20
16
12
8
4
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
VGS = 7V TO 20V
TC = 25
oC
VGS = 5V
VGS = 6V
VGS = 4V
02468
10
16
12
8
4
0
VGS, GATE TO SOURCE (V)
TC = 25
oC
TC = -40
oC
TC = 125
oC
VDS = 10V
PULSE DURATION = 250
µs
04
8
12
16
20
ID, DRAIN CURRENT (A)
1.8
0.2
1.4
1
0.6
VGS = 10V
PULSE DURATION = 250
µs
TC = 125
oC
TC = 25
oC
TC = -40
oC
RFM7N35, RFM7N40, RFP7N35, RFP7N40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com