Electronic Components Datasheet Search
  English  ▼

X  

UPC8001 Datasheet(PDF) 11 Page - NEC

Part # UPC8001
Description  IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8001 Datasheet(HTML) 11 Page - NEC

Back Button UPC8001 Datasheet HTML 7Page - NEC UPC8001 Datasheet HTML 8Page - NEC UPC8001 Datasheet HTML 9Page - NEC UPC8001 Datasheet HTML 10Page - NEC UPC8001 Datasheet HTML 11Page - NEC UPC8001 Datasheet HTML 12Page - NEC UPC8001 Datasheet HTML 13Page - NEC UPC8001 Datasheet HTML 14Page - NEC UPC8001 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
µPC8001
11
Figure 3-1.
Mixer Input
(a) 50
Ω Termination
(b) LC Matching
Note
The values L and C are affected by the parasitic capacitance and inductance of the board. Therefore,
adjust L and C so that the impedance at the MIX IN pin from the signal source equals 50
Ω.
Remark
The signal source impedance is 50
Ω.
Figure 3-2. Third Order Intercept
Remark
Signal source impedance is 50
Ω.
MIX IN1
107 nH
VMIX IN
5 pF
0.01
µF
0.01
µF
VMIX IN
50
Ω
14 MIX IN1
Note
Note
14
11
14
MIX IN1
MIX OUT
OSC IN
0.01
µ F
0.01
µF
1.5 k
Ω
50
Ω
16.7
Ω
f1
f2
f1 = 130.1 MHz, f2 = 130.2 MHz
16.7
Ω
16.7
Ω
0.01
µF
VOSC IN = –15 dBm
18 dB/OCT
6 dB/OCT
f = 130 MHz
f1 = 130.1 MHz
f2 = 130.2 MHz
VMIX IN [dBm]
9
Third order intercept
50
Ω
fOSC IN = 129.545 MHz
Measure 455 kHz component
level with spectrum analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com