Electronic Components Datasheet Search
  English  ▼

X  

UPC8001 Datasheet(PDF) 18 Page - NEC

Part # UPC8001
Description  IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8001 Datasheet(HTML) 18 Page - NEC

Back Button UPC8001 Datasheet HTML 14Page - NEC UPC8001 Datasheet HTML 15Page - NEC UPC8001 Datasheet HTML 16Page - NEC UPC8001 Datasheet HTML 17Page - NEC UPC8001 Datasheet HTML 18Page - NEC UPC8001 Datasheet HTML 19Page - NEC UPC8001 Datasheet HTML 20Page - NEC UPC8001 Datasheet HTML 21Page - NEC UPC8001 Datasheet HTML 22Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
µPC8001
18
5. TEST CIRCUIT EXAMPLE
5
Note
The value of the capacitance connected to the IF OUT pin (No. 1) includes the capacitances of PCB
wiring patterns and the tester.
Remark
In three cases of Mixer Input, Third Order Intercept and Noise Figure Measurement, refer to
Figures 3-1, 3-2, and 3-6.
0.01 F
µ
MIX IN1
14
0.01 F
µ
MIX IN2
13
VCC1
12
0.01 F
µ
OSC IN
11
GND
10
0.01 F
µ
MIX OUT
9
0.01 F
µ
FIL2
8
1000
pF
1 F
µ
+
3 V
50
Ω
50
Ω
1.5 k
Ω
1
2
3
4
5
6
1000
pF
1 F
µ
+
3 V
0.01 F
µ
0.01 F
µ
50
Ω
0.01 F
µ
1000 pF
3 V
0.01 F
µ
10 pF
50 k
Ω
Note
IF OUT
PD
RSSI OUT
FIL3
V
CC2
IF IN
FIL1
7
PC8001GR
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com