Electronic Components Datasheet Search
  English  ▼

X  

UPC8001 Datasheet(PDF) 17 Page - NEC

Part # UPC8001
Description  IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8001 Datasheet(HTML) 17 Page - NEC

Back Button UPC8001 Datasheet HTML 13Page - NEC UPC8001 Datasheet HTML 14Page - NEC UPC8001 Datasheet HTML 15Page - NEC UPC8001 Datasheet HTML 16Page - NEC UPC8001 Datasheet HTML 17Page - NEC UPC8001 Datasheet HTML 18Page - NEC UPC8001 Datasheet HTML 19Page - NEC UPC8001 Datasheet HTML 20Page - NEC UPC8001 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
µPC8001
17
Figure 4-7.
RSSI Output Voltage vs. IF Amplifier Input Level
(The temperature characteristics curves)
5
3.0
2.5
2.0
1.5
1.0
0.5
0
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
IF amplifier input level VIF IN [dBm]
TA = –30 °C
TA = +25 °C
TA = +85 °C
The three temperature characteristic curves are virtually identical.
Remarks 1.
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com