Electronic Components Datasheet Search
  English  ▼

X  

ACE25C400G Datasheet(PDF) 32 Page - ACE Technology Co., LTD.

Part # ACE25C400G
Description  Uniform SECTOR Dual and Quad Serial Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C400G Datasheet(HTML) 32 Page - ACE Technology Co., LTD.

Back Button ACE25C400G Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 36Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
ACE25C400G
Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
32
DC Characteristic
(T=-40℃~85℃, VCC=2.7~3.6V)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ILI
Input Leakage
Current
±2
μA
ILO
Output Leakage
Current
±2
μA
ICC1
Standby Current
CS#=VCC, VIN=VCC or
VSS
13
255
μA
ICC2
Deep Power-Down
Current
CS#=VCC, VIN=VCC or
VSS
2
5
μA
ICC3
Current: Read
Single/Dual/Quad
1MHz
SCLK=0.1VCC/0.9VCC
(1)
3/4/5
3.5/5/6
mA
Current: Read
Single/Dual/Quad
33MHz
5/11/19
7.5/12/19.5
Current: Read
Single/Dual/Quad
50MHz
6.5/15/30
9.5/17/33
Current: Read
Single/Dual/Quad
108MHz
10/33/60
12/35/65
ICC4
Operating Current
(PP)
CS#=VCC
15
mA
ICC5
Operating
Current(WRSR)
CS#=VCC
5
mA
ICC6
Operating Current
(SE)
CS#=VCC
20
mA
ICC7
Operating Current
(BE)
CS#=VCC
20
mA
ICC8
Operating Current
(CE)
CS#=VCC
20
mA
VIL
Input Low Voltage
-0.5
0.2VCC
V
VIH
Input High Voltage
0.8VCC
VCC+0.4
V
VOL
Output Low Voltage
IOL=
100μA
0.4
V
VOH
Output High Voltage
IOH=-
100μA
VCC-0.2
V
Note: ICC3 is measured with ATE loading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com