| Electronic Components Datasheet Search |
|
ACE25C400G Datasheet(PDF) 7 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE25C400G Datasheet(HTML) 7 Page - ACE Technology Co., LTD. |
|
7 / 39 page ![]() ACE25C400G Uniform SECTOR Dual and Quad Serial Flash VER 1.5 7 Table1.1 ACE25C400G Protected area size (CMP=1) Status Register Content Memory Content SEC TB BP2 BP1 BP0 Blocks Addresses Density Portion X X 0 0 0 0 to 7 000000H-07FFFFH 512KB NONE 0 0 0 0 1 0 to 6 000000H-06FFFFH 448KB Upper 7/8 0 0 0 1 0 0 to 5 000000H-05FFFFH 384KB Upper 3/4 0 0 0 1 1 0 to 3 000000H-13FFFFH 256KB Upper 1/2 0 1 0 0 1 1 to 7 010000H-07FFFFH 448KB Upper 7/8 0 1 0 1 0 2 to 7 020000H-07FFFFH 384KB Upper 3/4 0 1 0 1 1 4 to 7 040000H-07FFFFH 256KB Upper 1/2 0 X 1 X X NONE NONE NONE NONE 1 0 0 0 1 0 to 7 000000H-07EFFFH 508KB Upper 127/128 1 0 0 1 0 0 to 7 000000H-07DFFFH 504KB Upper 63/64 1 0 0 1 1 0 to 7 000000H-07BFFFH 496KB Upper 31/32 1 0 1 0 X 0 to 7 000000H-077FFFH 480KB Upper 15/16 1 0 1 1 0 0 to 7 000000H-077FFFH 480KB Upper 15/16 1 1 0 0 1 0 to 7 001000H-07FFFFH 508KB Upper 127/128 1 1 0 1 0 0 to 7 002000H-07FFFFH 504KB Upper 63/64 1 1 0 1 1 0 to 7 004000H-07FFFFH 496KB Upper 31/32 1 1 1 0 X 0 to 7 008000H-07FFFFH 480KB Upper 15/16 1 1 1 0 X 0 to 7 008000H-07FFFFH 480KB Upper 15/16 1 X 1 1 1 NONE NONE NONE NONE Status Register S15 S14 S13 S12 S11 S10 S9 S8 SUS CMP LB3 LB2 LB1 Reserved QE SRP1 S7 S6 S5 S4 S3 S2 S1 S0 SRP0 SEC TB BP2 BP1 BP0 WEL W1P The status and control bits of the Status Register are as follows: WIP bit The Write In Progress (WIP) bit indicates whether the memory is busy in program/erase/write status register progress. When WIP bit sets to 1, means the device is busy in program/erase/write status register progress, when WIP bit sets 0, means the device is not in program/erase/write status register progress. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |