Electronic Components Datasheet Search
  English  ▼

X  

ACE25C400G Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE25C400G
Description  Uniform SECTOR Dual and Quad Serial Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C400G Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE25C400G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ACE25C400G
Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
4
Ordering information
ACE25C400G
XX
+
X
H
- X
Uniform Block Sector Architecture
ACE25C400G 64K Bytes Block Sector Architecture
Block
Sector
Address range
7
127
07F000H
07FFFFH
….
….
….
112
070000H
070FFFH
6
111
06F000H
06FFFFH
….
….
….
96
060000H
060FFFH
….
….
….
….
….
….
….
….
….
….
….
….
….
….
….
….
….
2
47
02F000H
02FFFFH
….
….
….
32
020000H
020FFFH
1
31
01F000H
01FFFFH
….
….
….
16
010000H
010FFFH
0
15
00F000H
00FFFFH
….
….
….
0
000000H
000FFFH
U: Tube
T: Tape and Reel
Pb - free
DP: DIP-8
FM: SOP-8
FML: SOP-8 (208mil)
TM: TSSOP-8
Halogen-free
Null: Commercial (0~70℃)
I: Industrial (-40~85℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com