| Electronic Components Datasheet Search |
|
ACE25C512G Datasheet(PDF) 16 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE25C512G Datasheet(HTML) 16 Page - ACE Technology Co., LTD. |
|
16 / 37 page ![]() ACE25C512G Uniform Sector Dual and Quad Serial Flash VER 1.5 16 Dual I/O Fast Read With “Continuous Read Mode” The Dual I/O Fast Read command can further reduce command overhead through setting the “Continuous Read Mode” bits (M7-0) after the input 3-byte address (A23-A0). If the “Continuous Read Mode” bits (M7-0) =AXH, then the next Dual I/O Fast Read command (after CS# is raised and then lowered) does not require the BBH command code. The command sequence is shown in followed Figure11. If the “Continuous Read Mode” bits (M7-0) are any value other than AXH, the next command requires the first BBH command code, thus returning to normal operation. A “Continuous Read Mode” Reset command can be used to reset (M7-0) before issuing normal command. Figure10. Dual I/O Fast Read Sequence Diagram (M7-0=0XH or not AXH) Figure11. Dual I/O Fast Read Sequence Diagram (M7-0= AXH) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |