Electronic Components Datasheet Search
  English  ▼

X  

ACE25C512G Datasheet(PDF) 22 Page - ACE Technology Co., LTD.

Part # ACE25C512G
Description  Uniform Sector Dual and Quad Serial Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C512G Datasheet(HTML) 22 Page - ACE Technology Co., LTD.

Back Button ACE25C512G Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 26Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
ACE25C512G
Uniform Sector Dual and Quad Serial Flash
VER 1.5
22
Deep Power-Down (DP) (B9H)
Executing the Deep Power-Down (DP) command is the only way to put the device in the lowest
consumption mode (the Deep Power-Down Mode). It can also be used as an extra software
protection mechanism, while the device is not in active use, since in this mode, the device ignores all
Write, Program and Erase commands. Driving CS# high deselects the device, and puts the device in
the Standby Mode (if there is no internal cycle currently in progress). But this mode is not the Deep
Power-Down Mode. The Deep Power-Down Mode can only be entered by executing the Deep
Power-Down (DP) command. Once the device has entered the Deep Power-Down Mode, all
commands are ignored except the Release from Deep Power-Down and Read Device ID (RDI)
command. This releases the device from this mode. The Release from Deep Power-Down and Read
Device ID (RDI) command also allows the Device ID of the device to be output on SO.
The Deep Power-Down Mode automatically stops at Power-Down, and the device always Power-Up
in the Standby Mode. The Deep Power-Down (DP) command is entered by driving CS# low, followed
by the command code on SI. CS# must be driven low for the entire duration of the sequence.
The Deep Power-Down command sequence: CS# goes low sending Deep Power-Down command
CS# goes high. The command sequence is shown in Figure19. CS# must be driven high after the
eighth bit of the command code has been latched in; otherwise the Deep Power-Down (DP)
command is not executed. As soon as CS# is driven
high, it requires a delay of tDP before the
supply current is reduced to ICC2 and the Deep Power-Down Mode is entered. Any Deep
Power-Down (DP) command, while an Erase, Program or Write cycle is in progress, is rejected
without having any effects on the cycle that is in progress.
Figure19. Deep Power-Down Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com