Electronic Components Datasheet Search
  English  ▼

X  

ACE25C512G Datasheet(PDF) 33 Page - ACE Technology Co., LTD.

Part # ACE25C512G
Description  Uniform Sector Dual and Quad Serial Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C512G Datasheet(HTML) 33 Page - ACE Technology Co., LTD.

Back Button ACE25C512G Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25C512G Datasheet HTML 37Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
ACE25C512G
Uniform Sector Dual and Quad Serial Flash
VER 1.5
33
Note: 1. tW can be up to 45ms at -40℃ during the characterization of the current design. It will be improved in the future
design.
2. Tested with clock frequency lower than 50MHz.
Figure30. Serial Input Timing
Figure31. Output Timing
Figure32. Hold Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com