Electronic Components Datasheet Search
  English  ▼

X  

ACE732E Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE732E
Description  6V/3.5A, Fast Response, Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE732E Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE732E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ACE732E
6V/3.5A, Fast Response, Step-Down Converter
VER 1.2
6
Transient Response: VIN=5V, VOUT=1.2V, IOUT=0.3-3A
Output Short Response: VIN=5V, VOUT=1.2V, Output short to GND
FUNCTIONAL DECRIPTIONS
ACE732E belongs to a new breed of high frequency synchronous Step-Down converter that combines the
advantages of voltage mode control and Constant On time control. Its adaptive Constant-On-Time control
dynamically changes switch on time to achieve a constant switching frequency. It does not have the
minimum on-time constrain normally a fixed-frequency current
mode Step-down requires, allowing it to go
down to very low duty ratios without affecting loop stability. The voltage mode nature of ACE732E also
provides a more superior load transient response as well as a seamless transition from PFM to PWM modes.
It can also operate up to 100% duty. It has a cycle by cycle current limit and a hiccup mode that protects
against dead-short condition. It includes soft-start, UVLO and thermal shutdown protection.
Adaptive Constant On-Time Control
ACE732E uses an adaptive Constant-On-Time control scheme that the ON time is dynamically adjusted
according to VIN and VOUT so to achieve a nearly constant switching frequency.
This control scheme
provides simpler compensation and superior transient response over traditional constant frequency current
mode control, while still maintaining the advantage of switching at a constant frequency at about 1.5MHz. It
also provides a seamless transition from PFM to PWM that normally a constant frequency current mode
control scheme is hard to achieve. Further mode, because it is a COT control scheme, the system can
achieve high step-down ratio at ease, because lower constrain on the minimum on- time requirement
existing in constant frequency scheme.
100% Duty operation
ACE732E can operate at 100% duty cycle under dropout condition for high efficiency purpose.
Current Limit and Short-Circuit protection
ACE732E employs a cycle-by-cycle peak current limit and it also has a hiccup mode that protects the circuit
during dead-short condition. When the dead-short condition is removed, the IC goes back to normal
operation.
Soft-start
ACE732E has an internal soft-start circuitry to reduce supply inrush current during startup conditions.
When the device exits under-voltage lockout (UVLO), shutdown mode, or restarts following a



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com