Electronic Components Datasheet Search
  English  ▼

X  

ACE732E Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE732E
Description  6V/3.5A, Fast Response, Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE732E Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE732E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ACE732E
6V/3.5A, Fast Response, Step-Down Converter
VER 1.2
7
thermal-overload event, the l soft-start circuitry slowly ramps up current available at SW.
UVLO and Thermal Shutdown
If IN drops below UVLO threshold, the UVLO circuit inhibits switching.
Once IN rises above ULVO
threshold, the UVLO clears, and the soft-start sequence activates. Thermal-overload protection limits total
power dissipation in the device. When the junction temperature exceeds TJ=+155°C, a thermal sensor
forces the device into shutdown, allowing the die to cool. The thermal sensor turns the device on again after
the junction temperature cools by 15°C, resulting in a pulsed output during continuous overload conditions.
Following a thermal-shutdown condition, the soft-start sequence begins.
Design Procedure
Setting Output Voltages
Output voltages are set by external resistors. The FB threshold is 0.45V.
RTOP = RBOTTOM x [(VOUT / 0.45) - 1]
Inductor Selection
The peak-to-peak ripple is limited to 30% of the maximum output current. This places the peak current far
enough from the minimum overcurrent trip level to ensure reliable operation while providing enough current
ripples for the current mode converter to operate stably.
LIDEAL=(VIN(MAX)-VOUT)/IRIPPLE*DMIN*(1/FOSC)
Output Capacitor Selection
The output capacitor keeps output ripple small and ensures control-loop stability. The output capacitor must
also have low impedance at the switching frequency. Ceramic, or a MLCC capacitors are suitable, with
ceramic exhibiting the lowest ESR and high-frequency impedance. Output ripple with a ceramic output
capacitor is approximately as follows:
VRIPPLE = IL(PEAK)
[1 / (2π x f
OSC x COUT)]
If the capacitor has significant ESR, the output ripple component due to capacitor ESR is as follows:
VRIPPLE(ESR) = IL(PEAK) x ESR
Input Capacitor Selection
The input capacitor in a DC-to-DC converter reduces current peaks drawn from the battery or other input
power source and reduces switching noise in the controller. The impedance of the input capacitor at the
switching frequency should be less than that of the input source so high-frequency switching currents do not
pass through the input source. The output capacitor keeps output ripple small and ensures control-loop
stability.
PCB LAYOUT
The ACE732E employs a sophisticated control scheme to achieve the fast response and other superior
performances. So the PCB layout is recommended to strictly follow the proposed way shown below. The Cin
(22uF) and Cout (22uF or 10uF x 2) are always to be placed closest to ACE732E. The Cin1 (10nF) is also
require to be connected to AGND (not PGND) to filter out the switching noise. Please don’t short Pin2
(PGND) and Pin3 (AGND) directly, but through a PCB trace, as what’s shown below.
Please contact
ACE engineers for confirmation if one needs to change the PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com