Electronic Components Datasheet Search
  English  ▼

X  

ACE732E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE732E
Description  6V/3.5A, Fast Response, Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE732E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE732E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE732E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE732E
6V/3.5A, Fast Response, Step-Down Converter
VER 1.2
1
Description
ACE732E belongs to a new breed of high frequency synchronous Step-Down converter that combines the
advantages of voltage mode control and Constant-On-Time control. Its adaptive Constant-On-Time control
dynamically changes switch on time to achieve a constant switching frequency. It does not have the
minimum on-time constrain normally a fixed-frequency current mode Step-down requires, allowing it to go
down to very low duty ratio without affecting loop stability. The voltage mode nature of ACE732E also
provides a more superior load transient response and a seamless transition from PFM to PWM modes.
ACE732E is capable of supplying output with current up to 3.5A at 1.2V output. All these features make
ACE732E an excellent choice for ARM based CPU power supply.
Features
• Adaptive COT control
• Up to 95% Efficiency
• Up to 91% Efficiency for low output voltage
• Up to 3.5A Max Output current
• Feedback voltage 0.45V
• Excellent load transient response
• DFN2X2-8L Package
Application
• ARM based CPUs
• Tablet, MID
• Smart Phone
• Smart Set-Top Box, OTT
Absolute Maximum Rating
Parameter
Value
VIN Voltage
-0.3V~6V
All Other Pin Voltage
VIN-0.3V~VIN0.3V
SW to ground current
Internally limited
Operating Temperature Range
-40°C~85°C
Storage Temperature Range
-55°C~150°C
Thermal Resistance
θ
JA
75
°C /W
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE732E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE73205F ACE-ACE73205F Datasheet
287Kb / 3P
PWM Step-down DC-DC Controller IC
VER 1.1
ACE73205FFM+H ACE-ACE73205FFM+H Datasheet
287Kb / 3P
PWM Step-down DC-DC Controller IC
VER 1.1
ACE7323M ACE-ACE7323M Datasheet
744Kb / 6P
P-Channel 20-V (D-S) MOSFET
VER 1.1
More results

Similar Description - ACE732E

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4050 ACTIVE-SEMI-ACT4050 Datasheet
413Kb / 13P
Wide Input 3.5A Step Down Converter
Rev 2, 01-Jul-11
logo
Monolithic Power System...
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
MP4473 MPS-MP4473 Datasheet
752Kb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
MP9473 MPS-MP9473 Datasheet
2Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
EV4473-L-00A MPS-EV4473-L-00A Datasheet
450Kb / 7P
High-Efficiency, Fast-Transient, 3.5A, 36V Step-Down Converter Evaluation Board
EV9473-L-00A MPS-EV9473-L-00A Datasheet
480Kb / 7P
High-Efficiency, Fast-Transient, 3.5A, 36V Step-Down Converter Evaluation Board
logo
Diodes Incorporated
PAM2325 DIODES-PAM2325 Datasheet
553Kb / 12P
FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
Rev 2
PAM2327 DIODES-PAM2327 Datasheet
328Kb / 11P
FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
Rev 2
logo
Richtek Technology Corp...
RT8097A RICHTEK-RT8097A Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA3451 ETA-ETA3451 Datasheet
268Kb / 2P
6V/3.5A, Fast Response, Adaptive COT Step-Down Converter in Tiny DFN2x2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com