Electronic Components Datasheet Search
  English  ▼

X  

ACE740E Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE740E
Description  4A, 18V High Efficiency Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE740E Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE740E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE740E
4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
2
Packaging Type
BST
SS
IN
EN
SW
COMP
GND
FB
ESOP8
Ordering information
ACE740E XX
+
H
ESOP-8
Description
Function
1
BST
Bootstrap pin. Connect a 10nF capacitor from this pin to SW
2
IN
Supply Voltage. Bypass
with a 22μF ceramic capacitor to GND
3
SW
Inductor Connection. Connect an inductor Between SW and the regulator
output.
4
GND
Ground
5
FB
Feedback Input. Connect an external resistor divider from the output to FB and
GND to set VOUT
6
COMP
Regulator Compensation. Connect series RC network to GND.
7
EN
Enable pin for the IC. Drive this pin to high to enable the part, low to disable.
8
SS
Soft start pin. Connect a 0.1 uF capacitor from this pin to GND
IM : ESOP-8
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com