Electronic Components Datasheet Search
  English  ▼

X  

ACE740E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE740E
Description  4A, 18V High Efficiency Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE740E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE740E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE740E
4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
1
Description
The ACE740E is a wide input range, high-efficiency, DC-to- DC step-down switching regulator, capable
of delivering up to 4A of output current. Current mode PWM control allows the use of small external
components, such as ceramic input and output caps, as well as small inductors, while still providing low
output ripples. On top of the integrated internal synchronous rectifier that eliminates external Schottky
diode, ACE740E also employs a proprietary control scheme that switches the device into a power save
mode during light load, thereby extending the range of high efficiency operation. Therefore, ACE740E is a
much superior solution in comparison to other competitions in terms of efficiency and cost. Overall,
ACE740E is a highly efficient and robust solution for DC-DC step-down applications that requires wide
input ranges.
ACE740E is available ESOP8 Packages..
Features
• Wide Input Operating Range from 4.5V to 18V
• High Efficiency: Up to 95% at Light Load
• Capable of Delivering 4A
• No External Schottky Diode Needed
• Inductor Short Circuit Protection
• Current Mode control
• 0.923V Reference for Low Output voltages
• Logic Control Shutdown
• Thermal shutdown and UVLO
• Available in ESOP8 Package
Application
• LCD TVs
• Notebook computers
• FPGA power supplies
• LED drivers
Absolute Maximum Ratings
Parameter
Value
IN Voltage
-0.3V~20V
SW, EN Voltage
-0.3V~VIN+0.3V
BST Voltage
-0.3V~SW+6V
FB Voltage
-0.3V~6V
SW to ground current
Internally limited
Operating Temperature Range
–40°C~ 85°C
Storage Temperature Range
.–55°C~ 150°C
(Note: Exceeding these limits
may damage the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.)


Similar Part No. - ACE740E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7400 ACE-ACE7400 Datasheet
236Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE7400 ACE-ACE7400 Datasheet
435Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
ACE7400CM+H ACE-ACE7400CM+H Datasheet
236Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE7400CM+H ACE-ACE7400CM+H Datasheet
435Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
ACE7400 ACE-ACE7400_12 Datasheet
435Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
More results

Similar Description - ACE740E

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8632-4 MPS-MPQ8632-4 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-6 MPS-MPQ8632-6 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-8 MPS-MPQ8632-8 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-10 MPS-MPQ8632-10 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-15 MPS-MPQ8632-15 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-20 MPS-MPQ8632-20 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MP2224 MPS-MP2224 Datasheet
1Mb / 19P
High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
MPQ8632 MPS-MPQ8632 Datasheet
1Mb / 47P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com