Electronic Components Datasheet Search
  English  ▼

X  

ACE740E Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE740E
Description  4A, 18V High Efficiency Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE740E Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE740E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE740E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ACE740E
4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
5
Functional Descriptions
Loop Operation
The ACE740E is a wide input range, high-efficiency, DC-to-DC step-down switching regulator, capable of
delivering up to 4A of output current, integrated
with a 90/85mΩ synchronous MOSFET pair, eliminating
the need for external diode. It uses a PWM current-mode control scheme.
An error amplifier integrates
error between the FB signal and the internal reference voltage. The output of the integrator is then
compared to the sum of a current-sense signal and the slope compensation ramp. This operation
generates a PWM signal that modulates the duty cycle of the power MOSFETs to achieve regulation for
output voltage.
Current Limit
There is a cycle-by-cycle current limit on the high-side MOSFET of 5A(typ). When the current flowing out
of SW exceeds this limit, the high-side MOSFET turns off and the synchronous rectifier turns on. Unlike
the traditional method of current limiting by limiting the voltage at the compensation pin, which usually has
large variation due to duty cycle variance, this type of peak current limiting scheme provides a relatively
more accurate limit for output current, thereby lowering the requirements for system design.
Light Load Operation
Traditionally, a fixed constant frequency PWM DC-DC regulator always switches even when the output
load is small. When energy is shuffling back and forth through the power MOSFETs, power is lost due to
the finite RDSONs of the MOSFETs and parasitic capacitances. At light load, this loss is prominent and
efficiency is therefore very low. ACE740E employs a proprietary control scheme that improves efficiency
in this situation by enabling the device into a power save mode during light load, thereby extending the
range of high efficiency operation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com