Electronic Components Datasheet Search
  English  ▼

X  

OP275GPZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP275GPZ
Description  Dual Bipolar/JFET, Audio Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP275GPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP275GPZ Datasheet HTML 3Page - Analog Devices OP275GPZ Datasheet HTML 4Page - Analog Devices OP275GPZ Datasheet HTML 5Page - Analog Devices OP275GPZ Datasheet HTML 6Page - Analog Devices OP275GPZ Datasheet HTML 7Page - Analog Devices OP275GPZ Datasheet HTML 8Page - Analog Devices OP275GPZ Datasheet HTML 9Page - Analog Devices OP275GPZ Datasheet HTML 10Page - Analog Devices OP275GPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
–6–
OP275
OP275
–7–
APPLICATIONS
Circuit Protection
OP275 has been designed with inherent short-circuit protection
to ground. An internal 30 resistor, in series with the output,
limits the output current at room temperature to ISC+ = 40 mA
and ISC– = –90 mA, typically, with ±15 V supplies.
However, shorts to either supply may destroy the device when
excessive voltages or currents are applied. If it is possible for a
user to short an output to a supply for safe operation, the output
current of the OP275 should be design-limited to ±30 mA, as
shown in Figure 1.
Total Harmonic Distortion
Total Harmonic Distortion + Noise (THD + N) of the OP275 is
well below 0.001% with any load down to 600 . However, this is
dependent upon the peak output swing. In Figure 2, the THD +
Noise with 3 V rms output is below 0.001%. In Figure 3, THD +
Noise is below 0.001% for the 10 kand 2 kloads but increases
to above 0.1% for the 600 load condition. This is a result of the
output swing capability of the OP275. Notice the results in Figure 4,
showing THD versus VIN (V rms). This figure shows that the THD
+ Noise remains very low until the output reaches 9.5 V rms. This
performance is similar to competitive products.
RFB
FEEDBACK
RX
332 
A1
VOUT
A1 = 1/2 OP275
–
+
Figure 1. Recommended Output Short-Circuit Protection
RL = 600, 2k, 10k
VS = 15V
VIN = 3V rms
AV = +1
0.010
0.001
0.0005
20
100
1k
10k
20k
FREQUENCY – Hz
Figure 2.THD + Noise vs. Frequency vs. RLOAD
1
0.001
0.0001
20
100
1k
10k
20k
FREQUENCY – Hz
AV = +1
VS = 18V
VIN = 10V rms
80kHz FILTER
600
2k
10k
0.1
0.010
Figure 3.THD + Noise vs. RLOAD; VIN =10 V rms
VS = 18V
RL = 600
0.010
0.001
0.0001
0.5
1
10
OUTPUT SWING – V rms
Figure 4. Headroom,THD + Noise vs. Output
Amplitude (V rms); RLOAD = 600  , VSUP = ±18 V
The output of the OP275 is designed to maintain low harmonic
distortion while driving 600 loads. However, driving 600
loads with very high output swings results in higher distortion if
clipping occurs. A common example of this is in attempting to
drive 10 V rms into any load with ±15 V supplies. Clipping will
occur and distortion will be very high. To attain low harmonic
distortion with large output swings, supply voltages may be
increased. Figure 5 shows the performance of the OP275 driving
600 loads with supply voltages varying from ±18 V to ±20 V.
Notice that with ±18 V supplies the distortion is fairly high, while
with ±20 V supplies it is a very low 0.0007%.
SUPPLY VOLTAGE – V
0.0001
0.001
0
17
22
18
19
20
21
0.01
0.1
RL = 600
VOUT = 10V rms @ 1kHz
Figure 5.THD + Noise vs. Supply Voltage
Noise
The voltage noise density of the OP275 is below 7 nV/Hz from
30 Hz.This enables low noise designs to have good performance
throughout the full audio range. Figure 6 shows a typical OP275
with a 1/f corner at 2.24 Hz.
10Hz
0Hz
CH A: 80.0V FS
10.0V/DIV
MKR: 45.6V/ Hz
BW: 0.145Hz
MKR:
2.24Hz
Figure 6. 1/f Noise Corner, VS = ±15 V, AV = 1000
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com