Electronic Components Datasheet Search
  English  ▼

X  

OP275GPZ Datasheet(PDF) 2 Page - Analog Devices

Part # OP275GPZ
Description  Dual Bipolar/JFET, Audio Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP275GPZ Datasheet(HTML) 2 Page - Analog Devices

  OP275GPZ Datasheet HTML 1Page - Analog Devices OP275GPZ Datasheet HTML 2Page - Analog Devices OP275GPZ Datasheet HTML 3Page - Analog Devices OP275GPZ Datasheet HTML 4Page - Analog Devices OP275GPZ Datasheet HTML 5Page - Analog Devices OP275GPZ Datasheet HTML 6Page - Analog Devices OP275GPZ Datasheet HTML 7Page - Analog Devices OP275GPZ Datasheet HTML 8Page - Analog Devices OP275GPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
OP275–SPECIFICATIONS
OP275
–3–
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AUDIO PERFORMANCE
THD + Noise
VIN = 3 V rms,
RL = 2 k, f = 1 kHz
0.006
%
Voltage Noise Density
en
f = 30 Hz
7
nVHz
f = 1 kHz
6
nVHz
Current Noise Density
in
f = 1 kHz
1.5
pAHz
Headroom
THD + Noise  0.01%,
RL = 2 k,VS = ±18 V
>12.9
dBu
INPUT CHARACTERISTICS
Offset Voltage
VOS
1
mV
–40°C  TA  +85°C
1.25
mV
Input Bias Current
IB
VCM = 0 V
100
350
nA
VCM = 0 V, –40°C  TA  +85°C
100
400
nA
Input Offset Current
IOS
VCM = 0 V
2
50
nA
VCM = 0 V, –40°C  TA  +85°C
2
100
nA
Input Voltage Range
VCM
–10.5
+10.5
V
Common-Mode Rejection Ratio
CMRR
VCM = ±10.5 V,
–40°C  TA  +85°C
80
106
dB
Large Signal Voltage Gain
AVO
RL = 2 k
250
V/mV
RL = 2 k, –40°C  TA  +85°C
175
V/mV
RL = 600 
200
V/mV
Offset Voltage Drift
VOS/T
2
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 2 k
–13.5
±13.9
+13.5
V
RL = 2 k, –40°C  TA  +85°C
–13
±13.9
+13
V
RL = 600 ,VS = ±18 V
+14, –16
V
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±4.5 V to ±18 V
85
111
dB
VS = ±4.5 V to ±18 V,
–40°C  TA  +85°C
80
dB
Supply Current
ISY
VS = ±4.5 V to ±18 V,VO = 0 V,
RL = , –40°C  TA  +85°C
4
5
mA
VS = ±22 V,VO = 0 V, RL = ,
–40°C  TA  +85°C
5.5
mA
Supply Voltage Range
VS
±4.5
±22
V
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 k
15
22
V/µs
Full-Power Bandwidth
BWP
kHz
Gain Bandwidth Product
GBP
9
MHz
Phase Margin
Øm
62
Degrees
Overshoot Factor
VIN = 100 mV, AV = +1,
RL = 600 , CL = 100 pF
10
%
Specifications subject to change without notice.
(@ VS = 15.0 V, TA = 25C, unless otherwise noted.)
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com