Electronic Components Datasheet Search
  English  ▼

X  

OP275GPZ Datasheet(PDF) 1 Page - Analog Devices

Part # OP275GPZ
Description  Dual Bipolar/JFET, Audio Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP275GPZ Datasheet(HTML) 1 Page - Analog Devices

  OP275GPZ Datasheet HTML 1Page - Analog Devices OP275GPZ Datasheet HTML 2Page - Analog Devices OP275GPZ Datasheet HTML 3Page - Analog Devices OP275GPZ Datasheet HTML 4Page - Analog Devices OP275GPZ Datasheet HTML 5Page - Analog Devices OP275GPZ Datasheet HTML 6Page - Analog Devices OP275GPZ Datasheet HTML 7Page - Analog Devices OP275GPZ Datasheet HTML 8Page - Analog Devices OP275GPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
that may result from its use. No license is granted by implication or oth-
erwise under any patent or patent rights of Analog Devices.Trademarks
and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
OP275
Dual Bipolar/JFET, Audio
Operational Amplifier
FEATURES
Excellent Sonic Characteristics
Low Noise: 6 nV/Hz
Low Distortion: 0.0006%
High Slew Rate: 22 V/s
Wide Bandwidth: 9 MHz
Low Supply Current: 5 mA
Low Offset Voltage: 1 mV
Low Offset Current: 2 nA
Unity Gain Stable
SOIC-8 Package
PDIP-8 Package
APPLICATIONS
High Performance Audio
Active Filters
Fast Amplifiers
Integrators
PIN CONNECTIONS
GENERAL DESCRIPTION
The OP275 is the first amplifier to feature the Butler Amplifier
front end. This new front end design combines both bipolar
and JFET transistors to attain amplifiers with the accuracy and
low noise performance of bipolar transistors, and the speed and
sound quality of JFETs. Total Harmonic Distortion plus Noise
equals that of previous audio amplifiers, but at much lower
supply currents.
A very low l/f corner of below 6 Hz maintains a flat noise density
response.Whether noise is measured at either 30 Hz or 1 kHz,
it is only 6 nVHz.The JFET portion of the input stage gives
the OP275 its high slew rates to keep distortion low, even when
large output swings are required, and the 22 V/µs slew rate of the
OP275 is the fastest of any standard audio amplifier. Best of all,
this low noise and high speed are accomplished using less than
5 mA of supply current, lower than any standard audio amplifier.
Improved dc performance is also provided with bias and offset
currents greatly reduced over purely bipolar designs. Input offset
voltage is guaranteed at 1 mV and is typically less than 200 µV.
This allows the OP275 to be used in many dc-coupled or sum-
ming applications without the need for special selections or the
added noise of additional offset adjustment circuitry.
The output is capable of driving 600  loads to 10 V rms while
maintaining low distortion.THD + Noise at 3 V rms is a low
0.0006%.
The OP275 is specified over the extended industrial (–40°C to
+85°C) temperature range. OP275s are available in both plas-
tic DIP and SOIC-8 packages. SOIC-8 packages are available
in 2500-piece reels. Many audio amplifiers are not offered
in SOIC-8 surface-mount packages for a variety of reasons;
however, the OP275 was designed so that it would offer full
performance in surface-mount packaging.
8-Lead Narrow-Body SOIC
(S Suffix)
OP275
OUT A
–IN A
+IN A
V–
OUT B
–IN B
+IN B
V+
1
2
3
4
5
6
7
8
8-Lead PDIP
(P Suffix)
1
2
3
4
8
7
6
5
OP275
OUT B
–IN B
+IN B
V+
OUT A
–IN A
+IN A
V–
REV. C


Similar Part No. - OP275GPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP275GP AD-OP275GP Datasheet
189Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV.A
OP275GP AD-OP275GP Datasheet
393Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
More results

Similar Description - OP275GPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP176 AD-OP176 Datasheet
681Kb / 21P
Bipolar/JFET, Audio Operational Amplifier
REV.0
OP275 AD-OP275 Datasheet
189Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV.A
logo
Fairchild Semiconductor
KF353 FAIRCHILD-KF353 Datasheet
34Kb / 6P
Dual Operational Amplifier (JFET)
LF353 FAIRCHILD-LF353 Datasheet
40Kb / 6P
Dual Operational Amplifier (JFET)
logo
Analog Devices
OP275 AD-OP275_04 Datasheet
393Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
logo
National Semiconductor ...
LME49880 NSC-LME49880 Datasheet
502Kb / 14P
Dual JFET Input Audio Operational Amplifier
logo
Analog Devices
OP176 AD-OP176_15 Datasheet
683Kb / 21P
Bipolar/JFET, Audio Operational Amplifier
REV. 0
logo
Texas Instruments
LME49880 TI1-LME49880 Datasheet
1Mb / 18P
E-Series Dual JFET Input Audio Operational Amplifier
logo
New Japan Radio
NJM4585 NJRC-NJM4585 Datasheet
847Kb / 6P
Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
logo
Fairchild Semiconductor
LM353 FAIRCHILD-LM353 Datasheet
52Kb / 3P
DUAL OPERATIONAL AMPLIFIER (JFET)
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com