Electronic Components Datasheet Search
  English  ▼

X  

2SC5008 Datasheet(PDF) 3 Page - California Eastern Labs

Part # 2SC5008
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5008 Datasheet(HTML) 3 Page - California Eastern Labs

  2SC5008 Datasheet HTML 1Page - California Eastern Labs 2SC5008 Datasheet HTML 2Page - California Eastern Labs 2SC5008 Datasheet HTML 3Page - California Eastern Labs 2SC5008 Datasheet HTML 4Page - California Eastern Labs 2SC5008 Datasheet HTML 5Page - California Eastern Labs 2SC5008 Datasheet HTML 6Page - California Eastern Labs 2SC5008 Datasheet HTML 7Page - California Eastern Labs 2SC5008 Datasheet HTML 8Page - California Eastern Labs 2SC5008 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
20
0
10
1.0
0.5
150
0
50
150
100
50
100
200
0.5
10
50
5
25
0
5
10
20
15
10
5
VCE = 3 V
IB = 160 A
μ
140 A
μ
120 A
μ
100 A
μ
80 A
μ
60 A
μ
40 A
μ
20 A
μ
20
10
2
1
100
20
50
VCE = 3 V
0.5
0
50
5
12
0
0.5
8
6
4
2
20
10
2
1
6
2
4
VCE = 3 V
f = 2 GHZ
50
20
10
5
1
2
8
10
12
VCE = 3 V
f = 2 GHZ
10
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA – Ambient Temperature – °C
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
DC CURRENT GAIN vs.
COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
VBE – Base to Emitter Voltage – V
IC – Collector Current – mA
IC – Collector Current – mA
VCE
I
V
–
e
g
a
tl
o
V
r
e
tti
m
E
o
t
r
o
tc
el
lo
C
–
C
– Collector Current – mA
Free Air
NE68019 / 2SC5008



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com