Electronic Components Datasheet Search
  English  ▼

X  

2SC5008 Datasheet(PDF) 7 Page - California Eastern Labs

Part # 2SC5008
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5008 Datasheet(HTML) 7 Page - California Eastern Labs

  2SC5008 Datasheet HTML 1Page - California Eastern Labs 2SC5008 Datasheet HTML 2Page - California Eastern Labs 2SC5008 Datasheet HTML 3Page - California Eastern Labs 2SC5008 Datasheet HTML 4Page - California Eastern Labs 2SC5008 Datasheet HTML 5Page - California Eastern Labs 2SC5008 Datasheet HTML 6Page - California Eastern Labs 2SC5008 Datasheet HTML 7Page - California Eastern Labs 2SC5008 Datasheet HTML 8Page - California Eastern Labs 2SC5008 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
S-PARAMETER
VCE = 3 V, IC = 1 mA, ZO = 50 Ω
2
2
S
2
1
S
1
2
S
1
1
S
Y
C
N
E
U
Q
E
R
F
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.986
–6.4
1.963
167.5
.019
82.2
.996
–4.0
200.00
.971
–13.0
2.022
157.2
.036
73.4
.987
–8.1
300.00
.958
–19.5
2.075
147.4
.053
66.7
.966
–11.8
400.00
.936
–26.5
2.082
137.6
.070
58.7
.953
–15.4
500.00
.914
–32.8
2.114
129.5
.084
52.1
.929
–18.7
600.00
.890
–39.0
2.011
120.8
.098
45.0
.909
–22.0
700.00
.859
–45.3
1.993
112.4
.109
38.5
.883
–24.9
800.00
.833
–51.7
1.967
103.7
.120
32.1
.859
–27.7
900.00
.801
–58.0
1.916
95.7
.127
25.8
.830
–30.5
1000.00
.769
–65.2
1.952
88.0
.137
20.2
.803
–33.0
1100.00
.732
–72.5
1.972
79.8
.143
14.4
.776
–35.0
1200.00
.693
–80.0
1.987
72.4
.148
9.7
.754
–37.1
1300.00
.663
–86.7
1.945
64.6
.154
4.5
.734
–39.0
1400.00
.626
–93.9
1.936
57.2
.157
–.1
.712
–41.1
1500.00
.596
–100.5
1.893
49.6
.162
–4.4
.693
–42.9
1600.00
.570
–107.2
1.852
42.8
.165
–8.3
.676
–44.6
1700.00
.542
–114.9
1.845
35.3
.170
–12.9
.660
–46.5
1800.00
.523
–121.5
1.786
28.6
.172
–17.5
.640
–48.3
1900.00
.497
–129.1
1.766
21.5
.174
–21.5
.622
–49.9
2000.00
.471
–137.3
1.746
14.6
.174
–25.3
.610
–51.7
2100.00
.456
–144.2
1.707
8.2
.174
–28.5
.595
–53.3
2200.00
.443
–151.0
1.661
1.6
.176
–31.9
.583
–55.0
2300.00
.430
–158.3
1.648
–4.8
.177
–35.1
.567
–56.8
2400.00
.424
–164.8
1.598
–10.9
.178
–38.1
.557
–58.6
2500.00
.419
–171.3
1.565
–17.0
.180
–40.5
.545
–60.5
2600.00
.414
–177.8
1.534
–23.1
.182
–43.6
.534
–62.6
2700.00
.412
176.4
1.504
–29.1
.183
–46.5
.523
–64.6
2800.00
.413
170.5
1.466
–34.9
.186
–48.7
.515
–66.9
2900.00
.414
164.7
1.442
–40.6
.189
–51.4
.504
–69.2
3000.00
.419
159.5
1.413
–46.3
.191
–53.5
.495
–71.7
VCE = 1 V, IC = 5 mA, ZO = 50 Ω
2
2
S
2
1
S
1
2
S
1
1
S
Y
C
N
E
U
Q
E
R
F
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.849
–19.1
8.397
156.6
.021
75.5
.949
–11.9
200.00
.764
–34.1
8.259
139.2
.037
63.8
.866
–21.8
300.00
.681
–49.1
7.901
125.1
.051
54.8
.767
–28.2
400.00
.612
–63.6
7.397
113.1
.060
48.4
.689
–32.3
500.00
.534
–78.0
7.006
101.8
.068
42.2
.623
–35.2
600.00
.473
–89.5
6.297
91.7
.076
38.7
.573
–37.0
700.00
.414
–101.5
5.833
82.2
.082
35.3
.531
–38.1
800.00
.371
–112.1
5.352
73.6
.089
31.9
.499
–39.2
900.00
.339
–122.2
4.924
65.7
.095
28.7
.472
–39.9
1000.00
.314
–131.4
4.557
58.5
.103
25.6
.448
–40.9
1100.00
.295
–140.2
4.219
51.6
.109
22.8
.429
–41.2
1200.00
.283
–148.3
3.935
45.2
.115
20.1
.414
–42.2
1300.00
.275
–156.2
3.672
38.8
.122
16.9
.398
–42.8
1400.00
.270
–163.3
3.448
32.9
.129
13.8
.385
–44.0
1500.00
.267
–170.3
3.242
26.9
.136
10.7
.374
–45.0
1600.00
.268
–176.4
3.081
21.1
.143
7.5
.362
–46.4
1700.00
.273
177.8
2.927
15.4
.153
3.9
.353
–47.9
1800.00
.280
172.2
2.783
9.6
.160
–.1
.340
–49.5
1900.00
.288
165.8
2.663
3.9
.165
–3.8
.326
–51.1
2000.00
.294
160.1
2.540
–1.7
.171
–6.8
.316
–52.2
2100.00
.301
155.4
2.445
–7.0
.177
–10.1
.304
–53.7
2200.00
.307
151.6
2.347
–12.4
.186
–13.8
.293
–55.4
2300.00
.317
147.3
2.260
–17.8
.192
–17.2
.284
–57.0
2400.00
324
143.6
2.177
–23.0
.199
–20.8
.272
–58.9
2500.00
.334
140.2
2.105
–28.2
.207
–23.9
.261
–60.8
2600.00
.345
137.0
2.037
–33.5
.214
–27.8
.251
–63.7
2700.00
.354
134.0
1.977
–38.6
.221
–31.4
.241
–65.9
2800.00
.365
131.0
1.913
–43.8
.228
–35.3
.230
–68.6
2900.00
.377
128.2
1.856
–48.9
.235
–39.0
.220
–71.2
3000.00
.387
125.5
1.808
–53.8
.244
–42.9
.210
–74.5
NE68019 / 2SC5008



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com