Electronic Components Datasheet Search
  English  ▼

X  

2SC5008 Datasheet(PDF) 1 Page - California Eastern Labs

Part # 2SC5008
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5008 Datasheet(HTML) 1 Page - California Eastern Labs

  2SC5008 Datasheet HTML 1Page - California Eastern Labs 2SC5008 Datasheet HTML 2Page - California Eastern Labs 2SC5008 Datasheet HTML 3Page - California Eastern Labs 2SC5008 Datasheet HTML 4Page - California Eastern Labs 2SC5008 Datasheet HTML 5Page - California Eastern Labs 2SC5008 Datasheet HTML 6Page - California Eastern Labs 2SC5008 Datasheet HTML 7Page - California Eastern Labs 2SC5008 Datasheet HTML 8Page - California Eastern Labs 2SC5008 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
DESCRIPTION
The
NE68019 / 2SC5008 is an NPN epitaxial silicon transistor
designed for use in low noise and small signal amplifiers from VHF
band to L band.
Low noise figure, high gain, and high current
capability achieve a very wide dynamic range and excellent linearity.
This is achieved by direct nitride passivated base surface, process
(NEST2 process) which is a proprietary fabrication technique.
FEATURES
•
Low Voltage Use.
•
High fT: 8.0 GHz TYP. (@ VCE = 3 V, IC = 5 mA, f = 2 GHz)
•
Low Cre: 0.3 pF TYP. (@ VCE = 3 V, IE = 0, f = 1 MHz)
•
Low NF: 1.9 dB TYP. (@ VCE = 3 V, IC = 5 mA, f = 2 GHz)
•
High |S21e|2: 7.5 dB TYP. (@ VCE = 3 V, IC = 5 mA, f = 2 GHz)
•
Ultra Super Mini Mold Package.
ORDERING INFORMATION
PART
QUANTITY
PACKING STYLE
NUMBER
NE68019-A
2SC5008
-A
50 pcs./Unit
NE68019-T-A
2SC5008-T
-A
3 kpcs./Reel
*
To order evaluation samples, please contact your nearby sales office.
Unit sample quantity shall be 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
10
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
35
mA
Total Power Dissipation
PT
125 mW
Junction Temperature
Tj
150
˚ C
Storage Temperature
Tstg
–65 to + 150
˚ C
SILICON TRANSISTOR
Document No. P10387EJ2V0DS00 (2nd edition)
(Previous No. TD-2433)
Date Published July 1995 P
NE68019 / 2SC5008
NPN SILICON EPITAXIAL TRANSISTOR
3 PINS ULTRA SUPER MINI MOLD
Embossed tape 8 mm wide.
Pin3 (Collector) face to perforation side
of the tape.
1.6 ± 0.1
0.8 ± 0.1
2
1
3
PACKAGE DIMENSIONS
in millimeters
1. Emitter
2. Base
3. Collector
JEITA
Part No.


Similar Part No. - 2SC5008

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5008 NEC-2SC5008 Datasheet
61Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5008 RENESAS-2SC5008 Datasheet
241Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC5008-T1 NEC-2SC5008-T1 Datasheet
61Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5008-T1 RENESAS-2SC5008-T1 Datasheet
241Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR
2SC5008 RENESAS-2SC5008_15 Datasheet
241Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results

Similar Description - 2SC5008

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com