Electronic Components Datasheet Search
  English  ▼

X  

2SC5454 Datasheet(PDF) 6 Page - California Eastern Labs

Part # 2SC5454
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5454 Datasheet(HTML) 6 Page - California Eastern Labs

  2SC5454 Datasheet HTML 1Page - California Eastern Labs 2SC5454 Datasheet HTML 2Page - California Eastern Labs 2SC5454 Datasheet HTML 3Page - California Eastern Labs 2SC5454 Datasheet HTML 4Page - California Eastern Labs 2SC5454 Datasheet HTML 5Page - California Eastern Labs 2SC5454 Datasheet HTML 6Page - California Eastern Labs 2SC5454 Datasheet HTML 7Page - California Eastern Labs 2SC5454 Datasheet HTML 8Page - California Eastern Labs 2SC5454 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
VCE = 3 V, IC = 20 mA, Z0 = 50 Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.550
–39.8
33.319
152.6
0.012
73.8
0.886
–21.4
200.00
0.478
–71.8
27.020
132.5
0.021
63.3
0.734
–36.5
300.00
0.420
–96.3
21.715
118.9
0.027
56.8
0.598
–45.6
400.00
0.381
–115.0
17.550
109.5
0.032
55.7
0.502
–51.2
500.00
0.363
–129.9
14.737
101.5
0.035
56.4
0.439
–54.1
600.00
0.351
–141.9
12.630
95.6
0.039
55.7
0.395
–57.3
700.00
0.344
–151.7
10.983
90.4
0.043
56.8
0.357
–59.7
800.00
0.344
–160.1
9.738
86.1
0.047
57.1
0.335
–61.7
900.00
0.343
–167.5
8.689
82.0
0.051
57.2
0.310
–64.5
1000.00
0.347
–173.7
7.876
78.3
0.055
57.8
0.294
–66.3
1100.00
0.350
–179.2
7.199
74.9
0.059
57.7
0.281
–69.5
1200.00
0.355
175.4
6.619
71.5
0.063
57.6
0.268
–72.1
1300.00
0.362
171.0
6.132
68.4
0.068
57.7
0.261
–75.9
1400.00
0.367
166.7
5.704
65.3
0.072
57.4
0.257
–78.1
1500.00
0.375
163.0
5.338
62.4
0.076
57.1
0.246
–82.3
1600.00
0.382
159.4
5.011
59.5
0.080
56.6
0.246
–86.2
1700.00
0.391
156.4
4.728
56.6
0.085
56.4
0.239
–90.0
1800.00
0.398
153.4
4.476
54.0
0.089
56.0
0.240
–93.9
1900.00
0.408
150.5
4.226
50.8
0.093
55.7
0.237
–99.8
2000.00
0.416
148.3
4.028
48.4
0.098
54.7
0.238
–102.1
2100.00
0.427
145.1
3.829
45.6
0.102
54.1
0.235
–108.6
2200.00
0.437
143.2
3.661
42.9
0.107
53.2
0.241
–109.3
2300.00
0.443
140.4
3.489
40.3
0.110
52.7
0.239
–116.7
2400.00
0.457
138.3
3.330
37.8
0.115
51.6
0.247
–117.1
2500.00
0.459
136.1
3.206
35.6
0.119
51.7
0.250
–124.4
2600.00
0.473
133.8
3.603
33.0
0.125
50.8
0.259
–124.2
2700.00
0.480
132.5
2.967
30.2
0.130
50.9
0.271
–131.1
2800.00
0.492
129.8
2.857
28.0
0.135
48.9
0.277
–133.2
2900.00
0.501
128.3
2.747
25.2
0.140
47.7
0.292
–138.6
3000.00
0.509
125.7
2.655
23.3
0.144
46.8
0.295
–141.0
VCE = 3 V, IC = 30 mA, Z0 = 50 Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.459
–49.1
38.164
148.7
0.011
70.7
0.849
–24.6
200.00
0.404
–85.8
29.422
127.7
0.019
62.8
0.674
–40.3
300.00
0.368
–111.3
22.866
114.5
0.024
58.5
0.537
–48.1
400.00
0.347
–129.3
18.143
105.5
0.029
57.5
0.445
–53.4
500.00
0.341
–142.9
15.068
98.2
0.033
59.4
0.386
–55.5
600.00
0.337
–153.4
12.826
92.7
0.037
60.8
0.350
–57.7
700.00
0.337
–162.3
11.115
87.9
0.040
60.4
0.317
–60.2
800.00
0.340
–169.5
9.819
83.9
0.046
61.1
0.296
–62.3
900.00
0.343
–176.0
8.752
80.1
0.049
61.1
0.278
–64.4
1000.00
0.349
178.6
7.932
76.6
0.054
61.0
0.264
–66.5
1100.00
0.354
173.9
7.224
73.3
0.058
61.2
0.253
–70.0
1200.00
0.360
169.2
6.638
70.2
0.063
61.4
0.243
–72.3
1300.00
0.368
165.4
6.149
67.2
0.068
61.1
0.234
–76.6
1400.00
0.374
161.6
5.716
64.2
0.073
61.1
0.231
–79.1
1500.00
0.382
158.3
5.351
61.4
0.077
59.7
0.226
–83.8
1600.00
0.389
155.1
5.015
58.5
0.081
59.8
0.223
–87.6
1700.00
0.399
152.5
4.742
55.6
0.085
58.8
0.221
–92.5
1800.00
0.405
149.7
4.476
52.9
0.090
57.8
0.223
–95.9
1900.00
0.415
147.1
4.229
50.2
0.095
57.0
0.217
–101.9
2000.00
0.423
145.1
4.021
47.5
0.100
56.1
0.220
–103.7
2100.00
0.434
142.2
3.814
44.8
0.104
55.3
0.218
–111.0
2200.00
0.444
140.5
3.659
42.2
0.109
54.6
0.225
–111.8
2300.00
0.450
137.8
3.473
39.6
0.114
53.5
0.225
–120.1
2400.00
0.464
135.8
3.323
37.2
0.117
53.2
0.231
–119.7
2500.00
0.465
133.7
3.194
34.9
0.122
52.7
0.236
–127.5
2600.00
0.479
131.8
3.056
32.5
0.127
52.0
0.247
–127.2
2700.00
0.487
130.4
2.981
30.0
0.133
50.5
0.258
–134.1
2800.00
0.498
127.9
2.852
27.8
0.138
49.6
0.267
–136.0
2900.00
0.508
126.4
2.740
25.0
0.143
47.8
0.279
–141.3
3000.00
0.515
124.0
2.652
23.0
0.147
47.4
0.285
–144.2
NE67739 / 2SC5454



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com