Electronic Components Datasheet Search
  English  ▼

X  

2SC5454 Datasheet(PDF) 7 Page - California Eastern Labs

Part # 2SC5454
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5454 Datasheet(HTML) 7 Page - California Eastern Labs

  2SC5454 Datasheet HTML 1Page - California Eastern Labs 2SC5454 Datasheet HTML 2Page - California Eastern Labs 2SC5454 Datasheet HTML 3Page - California Eastern Labs 2SC5454 Datasheet HTML 4Page - California Eastern Labs 2SC5454 Datasheet HTML 5Page - California Eastern Labs 2SC5454 Datasheet HTML 6Page - California Eastern Labs 2SC5454 Datasheet HTML 7Page - California Eastern Labs 2SC5454 Datasheet HTML 8Page - California Eastern Labs 2SC5454 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
VCE = 5 V, IC = 5 mA, Z0 = 50 Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.836
–18.3
14.254
165.1
0.014
78.2
0.970
–10.4
200.00
0.792
–35.6
13.300
151.4
0.027
69.3
0.920
–20.6
300.00
0.736
–52.0
12.328
140.2
0.038
60.4
0.849
–28.9
400.00
0.675
–66.1
10.931
130.3
0.046
54.1
0.776
–35.8
500.00
0.612
–80.1
10.126
119.9
0.051
49.6
0.715
–40.9
600.00
0.561
–92.6
9.208
112.1
0.055
45.8
0.659
–45.5
700.00
0.521
–103.4
8.276
105.2
0.059
43.1
0.608
–49.2
800.00
0.487
–113.9
7.567
99.0
0.061
41.3
0.572
–52.4
900.00
0.461
–123.3
6.874
93.5
0.063
39.9
0.536
–55.6
1000.00
0.442
–132.2
6.347
88.3
0.064
39.2
0.509
–58.1
1100.00
0.429
–140.1
5.862
83.8
0.066
38.8
0.486
–61.0
1200.00
0.419
–147.9
5.432
79.4
0.068
38.5
0.468
–63.8
1300.00
0.414
–154.8
5.068
75.4
0.069
38.8
0.450
–66.7
1400.00
0.410
–161.3
4.754
71.4
0.071
39.0
0.437
–69.4
1500.00
0.411
–167.3
4.461
67.8
0.073
39.6
0.425
–72.7
1600.00
0.413
–172.9
4.195
64.1
0.074
40.2
0.418
–75.6
1700.00
0.417
–178.1
3.983
60.7
0.076
40.6
0.407
–79.1
1800.00
0.421
177.1
3.779
57.3
0.078
41.3
0.405
–81.9
1900.00
0.428
172.3
3.582
53.7
0.080
41.6
0.396
–86.2
2000.00
0.434
168.4
3.411
50.7
0.083
43.0
0.395
–88.6
2100.00
0.442
164.0
3.253
47.0
0.086
43.6
0.386
–93.7
2200.00
0.452
160.5
3.114
44.2
0.089
43.9
0.392
–95.3
2300.00
0.457
156.7
2.969
40.9
0.091
44.6
0.383
–100.7
2400.00
0.468
153.2
2.846
37.9
0.094
45.5
0.393
–102.0
2500.00
0.470
150.3
2.733
35.5
0.097
46.2
0.387
–107.2
2600.00
0.481
147.2
2.621
32.0
0.102
46.8
0.401
–108.9
2700.00
0.490
144.8
2.540
29.2
0.107
47.2
0.408
–114.1
2800.00
0.500
141.7
2.432
26.5
0.112
47.1
0.415
–117.1
2900.00
0.509
139.3
2.340
23.2
0.116
46.7
0.426
–121.8
3000.00
0.517
136.4
2.250
21.0
0.121
46.5
0.428
–125.0
VCE = 5 V, IC = 10 mA, Z0 = 50 Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.722
–26.0
23.176
159.8
0.013
77.0
0.943
–14.8
200.00
0.653
–49.0
20.533
142.9
0.024
65.3
0.844
–27.7
300.00
0.575
–69.4
17.914
129.9
0.032
57.6
0.738
–36.6
400.00
0.512
–86.2
15.194
119.8
0.037
52.9
0.647
–43.5
500.00
0.462
–101.1
13.254
110.1
0.041
51.2
0.575
–47.5
600.00
0.423
–113.9
11.637
103.2
0.045
49.3
0.522
–51.5
700.00
0.398
–125.2
10.262
97.1
0.047
48.9
0.475
–54.3
800.00
0.379
–135.3
9.193
92.0
0.050
48.9
0.443
–56.8
900.00
0.367
–144.3
8.257
87.4
0.054
48.6
0.413
–59.6
1000.00
0.361
–152.5
7.531
82.8
0.057
49.3
0.392
–61.6
1100.00
0.357
–159.6
6.895
79.0
0.059
49.6
0.374
–64.4
1200.00
0.356
–166.5
6.370
75.2
0.062
49.8
0.358
–66.6
1300.00
0.358
–172.4
5.906
71.9
0.065
50.2
0.345
–69.7
1400.00
0.361
–177.9
5.512
68.4
0.069
50.1
0.338
–72.1
1500.00
0.367
177.1
5.172
65.1
0.072
50.4
0.327
–75.9
1600.00
0.371
172.4
4.856
62.0
0.075
50.7
0.321
–78.9
1700.00
0.379
168.4
4.615
58.6
0.079
50.8
0.313
–82.6
1800.00
0.385
164.5
4.332
55.8
0.083
50.9
0.313
–85.5
1900.00
0.395
160.7
4.123
52.5
0.086
50.8
0.304
–90.4
2000.00
0.402
157.9
3.914
49.8
0.089
51.2
0.308
–92.6
2100.00
0.413
153.9
3.734
46.9
0.093
50.7
0.300
–98.1
2200.00
0.424
151.3
3.579
44.1
0.098
50.6
0.305
–99.6
2300.00
0.429
148.2
3.390
41.2
0.101
50.7
0.299
–106.1
2400.00
0.443
145.4
3.257
38.6
0.105
50.3
0.305
–106.8
2500.00
0.444
142.9
3.135
36.2
0.109
50.2
0.306
–112.7
2600.00
0.458
140.2
2.999
33.5
0.114
49.8
0.319
–113.7
2700.00
0.467
138.4
2.909
30.5
0.119
50.0
0.325
–119.6
2800.00
0.477
135.5
2.797
28.1
0.124
48.8
0.332
–122.0
2900.00
0.487
133.7
2.695
25.2
0.129
48.2
0.345
–127.6
3000.00
0.495
131.0
2.592
22.9
0.133
47.2
0.348
–130.5
NE67739 / 2SC545



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com